Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB070DS03 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB070DS03
Description  1.5MHz SAW Filter 70MHz Bandwid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB070DS03 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB070DS03 Datasheet HTML 1Page - SIPAT Co,Ltd LB070DS03 Datasheet HTML 2Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB070DS03
Rev. Date
2005-9-21
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/2
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
1.5MHz SAW Filter
70MHz Bandwidth
Part Number: LB070DS03
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.92
70
70.08
Insertion Loss
dB
-
11.9
14
1 dB Bandwidth
MHz
0.83
1.03
-
3 dB Bandwidth
MHz
1.5
1.53
-
40 dB Bandwidth
MHz
-
3.3
3.5
Passband Variation
dB
-
0.85
1
Group Delay Variation(f0±0.5MHz)
nsec
-
100
150
Phase Linearity (f0±0. 5MHz)
degree
-
3
5
Absolute Delay
usec
-
1.525
-
Ultimate Rejection
dB
-
41
-
Material Temperature coefficient
KHz/°C
-1.26
Ambient Temperature
°C
25
Package Size
SMP-53A
(13.3 x 6.5 mm Nominal Footprint)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=180nH L2=150Nh
C1=C2=36pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LB070DS03

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB070DS03 SIPAT-LB070DS03 Datasheet
210Kb / 2P
1.5MHz SAW Filter 70MHz Bandwid
More results

Similar Description - LB070DS03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBS7036 ETC1-LBS7036 Datasheet
287Kb / 3P
70MHz SAW Filter 1.5MHz Bandwidth
logo
SIPAT Co,Ltd
LB070DS03 SIPAT-LB070DS03 Datasheet
210Kb / 2P
1.5MHz SAW Filter 70MHz Bandwid
LBS7036 SIPAT-LBS7036 Datasheet
138Kb / 3P
70MHz SAW Filter 1.5MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LB070DS30 SIPAT-LB070DS30 Datasheet
258Kb / 3P
70MHz SAW Filter
LBN70A16 SIPAT-LBN70A16 Datasheet
251Kb / 3P
70MHz SAW Filter
LBN70A28 SIPAT-LBN70A28 Datasheet
172Kb / 3P
70MHz SAW Filter
LBN70A36 SIPAT-LBN70A36 Datasheet
143Kb / 3P
70MHz SAW Filter
LBS7036 SIPAT-LBS7036 Datasheet
144Kb / 3P
70MHz SAW Filter 1.5MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com