Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8156 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8156
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8156 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8156 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8156 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
0
0
50
100
150
200
IOUT (mA)
200
400
600
800
1000
1200
1400
1600
1800
2000
Dropout Voltage vs IOUT2
INPUT VOLTAGE (V)
7
6
5
4
3
2
1
0
-1
-2
-40
-20
0
20
40
60
8
9
10
11
12
13
RL=10
W
VOUT1 vs. Input Voltage
-20
Temp (
°C)
11.75
12.15
0
20
40
60
80
100 120 140 160
-40
12.10
12.05
12.00
11.95
11.90
11.85
11.80
VOUT1 vs. Temperature
-20
5.020
Temp (
°C)
5.010
5.000
4.990
4.980
4.970
5.030
0
20
40
60
80
100 120 140 160
-40
VOUT2 vs. Temperature
VENABLE (V)
0
0
100
5
12
3
4
20
40
60
80
ENABLE Current vs. ENABLE Voltage
VENABLE (V)
0.0
0.0
5.0
25
4.0
3.0
2.0
1.0
510
15
20
ENABLE Current vs. ENABLE Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com