Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8221
Description  Micropower 5V, 100mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8221 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8221 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8221 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
Error
Amplifier
Thermal
Shutdown
Over
Voltage
Shutdown
VIN
VOUT
Bandgap
Reference
+
-
Current Limit
Sense
Current Source
(Circuit Bias)
Gnd
Sense*
* 8 Lead SO Narrow
D2PAK
s
Low Quiescent Current
(60µA @ 100µA load)
s
5V, ±2% Output
s
100mA Output Current
Capability
s
Fault Protection
+74V Peak Transient
Voltage
-15V Reverse Voltage
Short Circuit
Thermal Shutdown
Low Reverse Current
(Output to Input)
Package Options
Micropower 5V, 100mA
Low Dropout Linear Regulator
CS8221
Description
The CS8221 is a precision 5V,
100mA micropower voltage regula-
tor with very low quiescent current
(60µA typical at 100µA load). The
5V output is accurate within ±2%
and supplies 100mA of load current
with a maximum dropout voltage
of only 600mV.
The regulator is protected against
reverse battery, short circuit, over
voltage, and over temperature con-
ditions. The device can withstand
74V load dump transients making it
suitable for use in automotive envi-
ronments.
Block Diagram
3L D2PAK
Tab (Gnd)
1
1. VIN
2. Gnd
3. VOUT
Absolute Maximum Ratings
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Internally Limited
Transient Peak Voltage (60V Load Dump) . . . . . . . . . . . . . . . . . . . .-15V, 74V
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .Internally Limited
ESD Susceptibility (Human Body Model) . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40¡C to 150¡C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55¡C to 150¡C
Lead Temperature Soldering
Reflow (SMD styles only) . . . . . .60 sec. max above 183¡C, 230¡C peak
1
VIN
VOUT
NC
Sense
Gnd
Gnd
Gnd
Gnd
8L SO Narrow
(Internally Fused Leads)
A
Company
¨
Rev. 12/28/98
Consult factory for TO-92.
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8221YDF8 ONSEMI-CS8221YDF8 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8221YDFR8 ONSEMI-CS8221YDFR8 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8221YDFR8G ONSEMI-CS8221YDFR8G Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
CS8221YDP3 ONSEMI-CS8221YDP3 Datasheet
75Kb / 7P
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
More results

Similar Description - CS8221

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8321 CHERRY-CS8321 Datasheet
164Kb / 6P
Micropower 5V, 150mA Low Dropout Linear Regulator
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com