Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8221YDF8 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8221YDF8
Description  Micropower 5V, 100mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8221YDF8 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS8221YDF8 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8221YDF8 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8221YDF8 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8221YDF8 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8221YDF8 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8221YDF8 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Part Number
Description
CS8221YDF8
8L SO Narrow (internally fused leads)
CS8221YDFR8
8L SO Narrow (internally fused leads)
(tape & reel)
CS8221YDP3
3L D2PAK
CS8221YDPR3
3L D2PAK (tape & reel)
Ordering Information
Rev. 12/28/98
Package Specification
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
3 Lead D2PAK (DP)
2.54 (.100) REF
10.31 (.406)
10.05 (.396)
8.53 (.336)
8.28 (.326)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
1.40 (.055)
1.14 (.045)
0.10 (.004)
0.00 (.000)
.254 (.010) REF
15.75 (.620)
14.73 (.580)
2.79 (.110)
2.29 (.090)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com