Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8281 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8281
Description  5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8281 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8281 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8281 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
s
5V, 250mA Primary Output
s
5V, 100mA Secondary
Output
s
3% Tolerance, Both
Outputs
s
ON/OFF Control for
Primary Output
s
Low Quiescent Current
Drain (100µA VOUT2)
s
Low Reverse Current
s
Protection Features
Reverse Battery (-15V)
74V Load Dump
Short Circuit
Overtemperature
Overvoltage (34V)
Package Options
5V/250mA, 5V/100mA Micropower
Low Dropout Regulator with ENABLE
CS8281
Description
VIN
ENABLE
+
-
Secondary Output
Primary Output
Current
Limit
Current
Limit
VOUT1
Thermal
Shutdown
Over
Voltage
Shutdown
Bandgap
Reference
+
-
VOUT2
VOUT2Sense
VOUT1Sense
Pwr Gnd
Gnd
Block Diagram
Absolute Maximum Ratings
Input Voltage.....................................................................................-15V to 74V
Power Dissipation .................................................................Internally Limited
Operating Temperature Range................................................-40¡C to +125¡C
Maximum Junction Temperature ...........................................-40¡C to +150¡C
Storage Temperature Range ....................................................-55¡C to +150¡C
Electrostatic Discharge (Human Body Model) ..........................................4kV
Lead Temperature Soldering
Reflow (SMD styles only)................16 sec. max above 183¡C, 230¡C peak
The CS8281 is a precision, dual 5V
micropower linear voltage regula-
tor. The switched primary output
(VOUT1) supplies up to 250mA
while the secondary (VOUT2) is
capable of supplying 100mA. Both
outputs have a maximum dropout
voltage of 600mV and low reverse
current. Quiescent current drain is
typically 150µA when supplying
100µA from each output.
The ENABLE input provides logic
level control of the primary output.
With the primary output disabled,
quiescent current drain is typically
100µA when supplying 100µA from
the secondary output.
The CS8281 is extremely robust
with protection provided for
reverse battery, short circuit, over-
voltage, and overtemperature on
both outputs.
The CS8281 is available in a 5-lead
D2PAK.
5 Lead D2PAK
Tab (Gnd)
1
Consult factory for 8L and 16L SO, 8L and
16L PDIP, 7L D2PAK and 5L TO-220.
1. VIN
2. VOUT1
3. Gnd
4. VOUT2
5. ENABLE
A
Company
¨
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
Rev. 9/16/97


Similar Part No. - CS8281

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS821 HVPSI-CS821 Datasheet
60Kb / 2P
MOV Modules
CS821A1 HVPSI-CS821A1 Datasheet
60Kb / 2P
MOV Modules
CS821A2 HVPSI-CS821A2 Datasheet
60Kb / 2P
MOV Modules
CS821B1 HVPSI-CS821B1 Datasheet
60Kb / 2P
MOV Modules
CS821B2 HVPSI-CS821B2 Datasheet
60Kb / 2P
MOV Modules
More results

Similar Description - CS8281

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
Rev. 4/9/99
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
Rev. 10/21/97
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
10V/5V Low Dropout Dual Regulator with ENABLE
Rev. 4/5/99
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
8V/5V Low Dropout Dual Regulator with ENABLE
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
Micropower 5V, 100mA Low Dropout Linear Regulator
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
5V 1A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com