Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC009NE2LS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BSC009NE2LS
Description  Optimized for e-fuse and ORing application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BSC009NE2LS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BSC009NE2LS Datasheet HTML 2Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 3Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 4Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 5Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 6Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 7Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 8Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 9Page - List of Unclassifed Manufacturers BSC009NE2LS Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BSC009NE2LS
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 W
V GS=f(Q gate); I D=30 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20
21
22
23
24
25
26
27
28
-60
-20
20
60
100
140
180
T
j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
125 °C
1
10
100
1
10
100
1000
t
AV [µs]
5 V
12 V
20 V
0
2
4
6
8
10
12
0
20
40
60
80
100
120
140
Q
gate [nC]
Rev. 2.3
page 7
2013-04-26



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com