Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1934026-1 Datasheet(PDF) 24 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics 1934026-1 Datasheet HTML 22Page - Tyco Electronics 1934026-1 Datasheet HTML 23Page - Tyco Electronics 1934026-1 Datasheet HTML 24Page - Tyco Electronics 1934026-1 Datasheet HTML 25Page - Tyco Electronics 1934026-1 Datasheet HTML 26Page - Tyco Electronics 1934026-1 Datasheet HTML 27Page - Tyco Electronics 1934026-1 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Note: Part Numbers are RoHS
compliant.
The new Tyco Electronics Low Profile DDR2
connector is designed for the main memory
requirements on the AdvancedTCA carrier
boards. Developed for use with a new
VLP (Very Low Profile) module from Micron
Technology, this connector meets the
AdvancedTCA height limitations on the
carrier board.
In addition, this connector offers a new
ejector design that allows airflow to reach
the memory module DRAMs for effective
cooling.
Low Profile DDR2 Connector for AdvancedTCA Standards
FEATURES
• Accepts new Micron Technology
VLP (Very Low Profile) DDR2
memory
module
designed
specifically for the AdvancedTCA
carrier board
• Special designed ejectors that
allow airflow to reach memory
module
DRAMs
for
efficient
cooling
• Low module seating plane allows
for increased module space for
module components in a VLP
form factor
• Utilizes proven Tyco Electronics
DDR2 contact design for reliable
interface to the memory module
• Available in 3 solder tail lengths
and
contact
interface
plating
options
Part Number 1888669-1
1.30 ± 0.05
[.051 ± .002]
140.90
[5.547]
Max.
73.00
[2.874]
2.87 ± 0.25
[.113 ± .010]
For 1.60 [.063]
Thk. PCB
3.38 ± 0.25
[.133 ± .010]
For 2.36 [.093]
Thk. PCB
4.20 ± 0.25
[.165 ± .010]
For 3.18 [.125]
Thk. PCB
Ref.
65.00
[2.559]
Ref.
0.36
[.014]
Ref.
4.00
[.157]
Ref.
Card Slot
7.54
[.297]
Main Body
5.54
[.218]
Extractor Tower
Key
1.90
[.075]
21.00
[.827]
8.15
[.321]
2 Plcs.
Max.
2 Plcs.
Max.
3 Plcs.
21.00
[.821]
Max.
2 Plcs.
14.50
[.571]
Min.
2 Plcs.
5.00
[.197]
Min.
2 Plcs.
10.00
[.394]
Min.
2 Plcs.
0.30
[.012]
Min.
3 Plcs.
3.55
[.140]
Max.
Key Height
2.95
[.116]
Max. PCB To
Card Slot Floor
9.00
[.354]
Max.
Latch Open
6.85
[.270]
Max. Component Height in
Extractor Shadow Area
Retention
Barb
4.00
[.157]
2.50
[.098]
Min.
3 Plcs.
0.20
[.008]
Ref.
+ 0.05
– 0.08
+ .002
– .003
1.45
[.057
]
CL of Alignment Key
CL of Connector
142.00
[5.591]
Max.
PCB Footprint
145.00
[5.709]
Max.
Latch Closed
165.00
[6.496]
Max.
Open Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com