Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8371 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8371
Description  8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8371 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8371 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8371 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Electrical Characteristics: -40¡C ² TA ² +85¡C, 10.5V ² VCC ² 16.0V, ENABLE1 = ENABLE2 = 5.0V,
IOUT1 = IOUT2 = 5.0mA, unless otherwise stated.
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
7 Lead TO-220
1
ENABLE1
ENABLE control for the 8V, 1A output
2
ENABLE2
ENABLE control for the 5V, 250mA output
3VOUT2
5V ±5%, 250mA regulated output
4
Gnd
Ground
5
Sense
Sense feedback for the primary 8V output
6VCC
Supply voltage, usually from battery
7VOUT1
8V ±5%, 1A regulated output
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Secondary Output (VOUT2): continued
Current Limit
VCC = 16V
270
600
mA
Overshoot Voltage
5mA ² IREG2 ² 250mA
4.3
V
Output Noise
10Hz-100kHz
170
µVrms
s ENABLE Function (ENABLE)
Input Current
VCC = 14V, 0V ² ENABLE ² 5.5V
-150
150
µA
Input Voltage
Low
0
0.8
V
High
2.0
5.0
V
s Protection Circuitry
ESD Threshold
Human Body Model
±2.0
±4.0
kV
Overvoltage Shutdown
24
30
V
Thermal Shutdown
Guaranteed by Design
150
180
¡C
Thermal Hysteresis
30
¡C
Typical Performance Characteristics
8.05
8.04
8.03
8.02
8.01
8.00
7.99
7.98
7.97
7.96
7.95-40 -20
0
20
40
60
80
100
120
140
Ambient Temperature (
°C)
VIN = 14V
IOUT = 1A
Regulator 1 Output Voltage
Regulator 2 Output Voltage
-40
-20
0
20
40
60
80
100
120
140
Ambient Temperature (
°C)
5.00
4.95
4.90
4.85
VIN = 14V
IOUT = 250A
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
100
200
300
400
500
600
700
800
900
Output Current (mA)
1000
-40°C
25
°C
85
°C
Regulator 1 Dropout Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com