Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95080 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 95080
Description  Demo Boards High Voltage Flyback Charge Circuit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

95080 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  95080 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice. 03/13
Demo Boards
High Voltage Flyback Charge Circuit
Available for 95069-1, 95072, 95073, 95074, 95075, 95080
NASCENTechnology, Inc. has developed a series of high voltage flyback charge circuit demonstration
boards that allow easy testing of LTCC high voltage flyback transformers. The boards can be operated
from an external pulse generator in an unregulated mode or use the provided MAX1771 controller in a
standard current mode control discontinuous flyback configuration for regulated output. The Vadj resistor
allows setting the output voltage in regulated mode. The input voltage range of 12 to 40 VDC can be
lowered by bypassing the internal regulator and supplying a 10 VDC aux voltage for the ICs. It can be
increased by increasing the voltage rating of the input capacitors. Similarly the output capacitor, rated at
1200 VDC can be easily swapped out for higher values. The peak current limit is set to 2A which can also
be adjusted by changing the sense resistor. The De-sta-co clamp allows mounting and changing
transformers without soldering. By removing J3 the secondary can be made floating, however feedback
for regulation is disabled (an external opto-isolator circuit could be substituted). Sockets are also provided
for quick adjustment of the MOSFET snubber capacitor. A current loop is provided for monitoring peak
input current. The board comes with a 100 nF capacitor and 200 Mohms sense/discharge resistor.
For additional information, contact: Daryl Schofield
Phone: 605-882-8513, Fax: 605-884-2450, E-Mail: dschofield@nascentechnology.com
NASCENTechnology, Inc. 121 Airport Drive, Watertown, SD 57201
www.nascentechnology.com
Features
Stand alone or external control
Easy change out of transformer
Sockets for snubber cap and Vadj resistor
Test points for each transformer terminal
Sockets for ICs
Current sense loop
Ordering Information
R1015 for D47s, D50s, 95069/73
R1016 for D48s, D58s, 95072/74/75
R1018 for D66s, 95080


Similar Part No. - 95080

ManufacturerPart #DatasheetDescription
logo
MEC Marcom Electronic C...
9508000 MEC-9508000 Datasheet
403Kb / 2P
Navimec™
9508000 MEC-9508000 Datasheet
122Kb / 1P
Navimec™
logo
Datalogic S.p.A.
950801000 DATALOGIC-950801000 Datasheet
864Kb / 8P
Compact size and high performance for the most challenging detection applications
Rev. 01, 07/2016
950801010 DATALOGIC-950801010 Datasheet
864Kb / 8P
Compact size and high performance for the most challenging detection applications
Rev. 01, 07/2016
950801020 DATALOGIC-950801020 Datasheet
864Kb / 8P
Compact size and high performance for the most challenging detection applications
Rev. 01, 07/2016
More results

Similar Description - 95080

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
DC590A-1 LINEAR-DC590A-1 Datasheet
1Mb / 9P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
logo
Astec America, Inc
APA105-ML-001 ASTEC-APA105-ML-001 Datasheet
731Kb / 2P
Demo Boards are available to enable users to evaluate AMPSS짰 modules.
logo
PCA ELECTRONICS INC.
EPC3229G-1 PCA-EPC3229G-1 Datasheet
20Kb / 1P
High Voltage Flyback Transformer
logo
List of Unclassifed Man...
95073 ETC2-95073 Datasheet
361Kb / 1P
LTCC High Voltage Flyback Transformer
logo
PCA ELECTRONICS INC.
EPC3229G-X PCA-EPC3229G-X_15 Datasheet
20Kb / 1P
High Voltage Flyback Transformer
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
Ideal for printed circuit boards
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
Ideal for printed circuit boards
logo
NXP Semiconductors
UM10523 PHILIPS-UM10523 Datasheet
430Kb / 14P
TEA1721 universal mains white goods flyback SMPS demo board
Rev. 1-27 January 2012
UM10520 PHILIPS-UM10520 Datasheet
538Kb / 17P
TEA1721 isolated 3-phase universal mains flyback converter demo board
Rev. 1.2-15 May 2013
logo
Mospec Semiconductor
GBJ25A MOSPEC-GBJ25A Datasheet
179Kb / 2P
Ideal for printed circuit boards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com