Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8442 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8442
Description  85mA Dual H-Bridge Odometer Driver with Buffered Speed Signal Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8442 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8442 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8442 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8442 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8442 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
COILB-
SENSOR
IN
SENSOR
OUT
Coil
Driver
B
Coil
Driver
A
Overvoltage
and Short
Circuit
Protection
Sequencer
COILB+
COILA-
COILA+
Input
Comp.
s
Buffered Speed Sensor
Output
s
No Cross-conduction in
either H-bridge
s
Guaranteed Monotonic
s
On Chip Flyback Diodes
s
Fault Protection
Overvoltage
Short Circuit Protection
Load Dump Protection
to 60V
Package Options
8L PDIP
85mA Dual H-Bridge Odometer Driver
with Buffered Speed Signal Output
1
Gnd
COILA+
COILAÐ
SENSOR
IN
VCC
COILB+
COILBÐ
SENSOR
OUT
Description
Block Diagram
Absolute Maximum Ratings
The CS8442 is a stepper motor
driver that implements an H-
bridge design to drive two coils in
an eight step sequence each revo-
lution. Each H-bridge is capable of
delivering 85mA to the load.
The sequencer function insures
that the odometer is monotonic
and that cross-conduction of each
H bridges does not occur. Before
the beginning of each sequence,
both bridges are turned off. This
Òdead zoneÓ minimizes the fly
back energy generated in the
inductive loads. In addition, on
board clamp diodes across each
output protect the output drive
transistors from excessive fly back
voltages.
The CS8442 is fault protected
against reverse battery, short cir-
cuit, and over voltage conditions.
If a fault is detected, the IC shuts
down.
The buffered speed signal output
(SENSOR OUT) is an open collec-
tor NPN capable of driving a
4.7k½ load connected to a 5V sup-
ply. The signal is a buffered,
inverted version of the speed sen-
sor input voltage (SENSOR IN).
The input voltage can be either a
sine or square wave form.
CS8442
Supply Voltage (VCC) (continuous) -40ûC to +105ûC ..................Ð0.5 to 24V
(100ms pulse transient) -40ûC to +105ûC ......................Ð0.5 to 60V
Input Voltage (VIN) ..............................................................Ð0.3 to VCC +0.3V
Storage Temperature Range (TSTG)......................................Ð65¡C to +150¡C
Junction Temperature.............................................................Ð40¡C to +150¡C
Speed Sensor Output .....................................................................................7V
ESD (Human Body Model) .........................................................................2kV
Lead Temperature Soldering
Wave Solder (through hole styles only)........10 sec. max, 260¡C peak
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 8/2/93


Similar Part No. - CS8442

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
CS8442XN8 ONSEMI-CS8442XN8 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results

Similar Description - CS8442

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9987 VISHAY-SI9987 Datasheet
85Kb / 5P
Buffered H-Bridge
16-Feb-04
logo
Cherry Semiconductor Co...
CS4161 CHERRY-CS4161 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
Rev. 1/28/97
CS8441 CHERRY-CS8441 Datasheet
149Kb / 4P
85mA Dual H-Bridge Odometer Driver with Divide by Select
logo
ON Semiconductor
CS4161 ONSEMI-CS4161 Datasheet
59Kb / 8P
85 mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO
March, 2001 ??Rev. 6
logo
Vishay Siliconix
SI9986 VISHAY-SI9986_05 Datasheet
73Kb / 5P
Buffered H-Bridge
16-Feb-04
SI9988 VISHAY-SI9988_04 Datasheet
129Kb / 8P
Buffered H-Bridge
19-Apr-04
SI9987CY-T1 VISHAY-SI9987CY-T1 Datasheet
153Kb / 7P
Buffered H-Bridge
16-Feb-04
SI9986 VISHAY-SI9986_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9987 VISHAY-SI9987_V01 Datasheet
152Kb / 6P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
SI9988 VISHAY-SI9988_V01 Datasheet
143Kb / 7P
Buffered H-Bridge Driver with Integrate MOSFET
25-Apr-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com