Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCB-201M Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SCB-201M
Description  Spark Gap Protectors (SPG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCB-201M Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SCB-201M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCB-201M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCB-201M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCB-201M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCB-201M Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
5 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCB Series
SOCAY Electronics Co., Ltd.
www.socay.com
Symbol
Dimension (mm)
W
52+2.0/-1.0
P
5.0
±0.5
T
6.0
±1.0
Z
1.2 Max
L1-L2
1.0 Max
S
0.8 Max
t
3.2 Max
L
4.0
±1.0
D1
Φ0.5±0.05
D
Φ2.0±0.5
Tape
R
1.0 Max
Item
Description
Length
A=255 mm
Width
B=75 mm
Height
C=68 mm
Quantity
2000 PCS
Inner Box
Package
There are upper and bottom
board to protect the parts
from damage.
Packaging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com