Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCB-152M Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SCB-152M
Description  Spark Gap Protectors (SPG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCB-152M Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SCB-152M Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCB-152M Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCB-152M Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCB-152M Datasheet HTML 4Page - Socay Electornics Co., Ltd. SCB-152M Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Spark Gap Protectors (SPG)
Revision September 25, 2013
2 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCB Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
DC Spark-over
Voltage
Vs(V)
Minimum
Insulation
Resistance
IR(OHM)/DC
Maximum
Capacitance
1KHZ-6Vmax
C (pF)
Surge Current
Capacity
8/20
μS
Surge Life Test
SCB-141N
140(98~182)
100M / 50V
1.0
500A
10KV / 100A , >200T
SCB-181N
180(126~234)
100M / 50V
1.0
500A
10KV / 100A , >200T
SCB-201M
200(160~240)
100M /100V
1.0
500A
10KV / 100A , >200T
SCB-301M
300(240~360)
100M /100V
1.0
500A
10KV / 100A , >200T
SCB-401M
400(320~480)
100M / 250V
1.0
500A
10KV / 100A , >200T
SCB-471M
470(400~560)
100M / 250V
1.0
500A
10KV / 100A , >200T
SCB-501M
500(400~600)
100M / 250V
1.0
500A
10KV / 100A , >200T
SCB-601M
600(480~720)
100M / 250V
1.0
500A
10KV / 100A , >200T
SCB-102M
1000(800~1200)
100M / 500V
1.0
500A
10KV / 100A , >200T
SCB-152M
1500(1200~1800)
100M / 500V
1.0
500A
10KV / 100A , >200T
Part Number
Color Code1
Color Code2
Color Code3
SCB-141N
Brown
-
-
SCB-181N
Gray
-
-
SCB-201M
Red
-
-
SCB-301M
Orange
-
-
SCB-401M
Yellow
-
-
SCB-471M
Yellow
-
-
SCB-501M
Green
-
-
SCB-601M
Blue
-
-
SCB-102M
Black
-
-
SCB-152M
Black
Green
Red
Electrical Characteristics
Color Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com