Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC250-060 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # SC250-060
Description  Radial Lead Resettable Polymer PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC250-060 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  SC250-060 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC250-060 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC250-060 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC250-060 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC250-060 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
2 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC250 Series
SOCAY Electronics Co., Ltd.
www.socay.com
I hold= Hold current: maximum current device will pass without tripping in 25°C still air.
I trip= Trip current: minimum current at which the device will trip in 25°C still air.
V max= Maximum voltage device can withstand without damage at rated current (Imax)
I max= Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pdtyp.= Power dissipated from device when in the tripped state at 25°C still air.
R min= Minimum resistance of device in initial (un-soldered) state.
R max= Maximum resistance of device in initial (un-soldered) state.
R 1max= Maximum resistance of device at 25°C measured one hour after tripping.
Caution: Operation beyond the speci
fied rating may result in damage and possible arcing and flame.
0.48
0.25
Ambient Operation Temperature
-40
°C
-20
°C
0
°C
25
°C
40
°C
50
°C
60
°C
70
°C
85
°C
Part Number
Hold Current (A)
SC250-020
0.031
0.027
0.024
0.02
0.016
0.015
0.013
0.011
0.008
SC250-030
0.047
0.041
0.036
0.03
0.025
0.022
0.019
0.017
0.012
SC250-040
0.062
0.055
0.048
0.04
0.033
0.029
0.026
0.022
0.016
SC250-050
0.078
0.069
0.060
0.05
0.041
0.037
0.032
0.028
0.021
SC250-060
0.093
0.082
0.070
0.06
0.049
0.044
0.038
0.033
0.025
SC250-080
0.124
0.110
0.095
0.08
0.066
0.058
0.051
0.044
0.033
SC250-120S
0.186
0.164
0.143
0.12
0.098
0.088
0.077
0.066
0.049
SC250-160
0.248
0.219
0.190
0.16
0.131
0.117
0.102
0.088
0.064
SC250-200C
0.310
0.274
0.238
0.20
0.164
0.146
0.128
0.110
0.082
SC250-250
0.39
0.34
0.30
0.25
0.21
0.18
0.16
0.14
0.10
SC250-300
0.47
0.41
0.36
0.30
0.25
0.22
0.19
0.17
0.12
SC250-330
0.51
0.45
0.39
0.33
0.27
0.24
0.21
0.18
0.14
SC250-400
0.62
0.55
0.48
0.40
0.33
0.29
0.26
0.22
0.16
SC250-500
0.78
0.69
0.60
0.50
0.41
0.37
0.32
0.28
0.21
SC250-550
0.85
0.75
0.66
0.55
0.45
0.40
0.35
0.30
0.23
SC250-600
0.93
0.82
0.71
0.60
0.49
0.44
0.38
0.33
0.25
SC250-650
1.01
0.89
0.77
0.65
0.53
0.47
0.42
0.36
0.27
SC250-750
1.16
1.03
0.89
0.75
0.62
0.55
0.48
0.41
0.31
SC250-800
1.24
1.10
0.95
0.80
0.66
0.58
0.51
0.44
0.33
SC250-900
1.40
1.23
1.07
0.90
0.74
0.66
0.58
0.50
0.37
SC250-1000C
1.55
1.37
1.19
1.00
0.82
0.73
0.64
0.55
0.41
SC250-1100
1.71
1.51
1.31
1.10
0.90
0.80
0.70
0.61
0.45
SC250-1250C
1.94
1.71
1.49
1.25
1.03
0.91
0.80
0.69
0.51
SC250-1350
2.09
1.85
1.61
1.35
1.11
0.99
0.86
0.74
0.55
SC250-1600
2.48
2.19
1.90
1.60
1.31
1.17
1.02
0.88
0.66
SC250-1850
2.87
2.53
2.20
1.85
1.52
1.35
1.18
1.02
0.76
SC250-2000
3.10
2.74
2.38
2.00
1.64
1.46
1.28
1.10
0.82
Temperature Rerating Chart
– I
hold (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com