Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-CS3712 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CL-CS3712
Description  Integrated AVI/ATAPI DVD Drive Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-CS3712 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CL-CS3712 Datasheet HTML 14Page - Cirrus Logic CL-CS3712 Datasheet HTML 15Page - Cirrus Logic CL-CS3712 Datasheet HTML 16Page - Cirrus Logic CL-CS3712 Datasheet HTML 17Page - Cirrus Logic CL-CS3712 Datasheet HTML 18Page - Cirrus Logic CL-CS3712 Datasheet HTML 19Page - Cirrus Logic CL-CS3712 Datasheet HTML 20Page - Cirrus Logic CL-CS3712 Datasheet HTML 21Page - Cirrus Logic CL-CS3712 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Pinout Information
DS588PP1 - rev 0.4 April 11, 2002
C ONFIDENTIA L
Copyright
© 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
www.cirrus.com
14
Pin Decriptions
Table 2: Pin Map Legend
Abbreviation or Convention
Description
I
A pin that functions as an input only.
O
A pin that functions as an output only.
I/O
A pin that operates as an input or an output.
OD
An open-drain output.
TS
A test pin.
Z
A tristate output or input/output.
(*)
Following a signal name designates an active-low signal.
Pin name in italics
An italicized function name for a multifunction pin indicates that the function is
only valid on the low-to-high transition of RST*.
Table 3: CL-CS3712 Pin Map
Type
Name
Pin(s)
I/O
Function
Host
Interface
Signals
DD15
DD14
DD13
DD12
DD11
DD10
DD9
DD8
DD7
DD6
DD5
DD4
DD3
DD2
DD1
DD0
79
77
74
71
69
67
63
60
58
62
65
68
70
72
76
78
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
I/O-TS
Host Data Bus
DA2
DA1
DA0
94
89
92
I
I
I
Host Address Lines
CS1FX*
95
I
Host Chip Select 0*
CS3FX*
96
I
Host Chip Select 1*
DIOR*
82
I
Host I/O Read Strobe*
DIOW*
81
I
Host I/O Write Strobe*
HRESET*
57
I
Host Reset*
IOCS16*
88
OD
16-bit Data Transfer*
INTRQ
87
O -TS
Host Interrupt Request
IORDY
83
O -TS
I/O Channel Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com