Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16-500 Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # SC16-500
Description  Radial Lead Resettable Polymer PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC16-500 Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  SC16-500 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC16-500 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC16-500 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC16-500 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SC16-500 Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Radial Lead Resettable Polymer PTCs
Revision September 12, 2013
5 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC16 Series
SOCAY Electronics Co., Ltd.
www.socay.com
u This product should not be used in an application where the maximum interrupt voltage or maximum interrupt current in a fault
condition, Operation beyond the maximum rating or improper use may result in device damage and possible electrical arcing
and flame.
u A PPTC device is not a fuse, It is a nonlinear thermistor that limits current, Because under a fault condition all PPTC devices go
into a high resistance state but not open circuit hazardous voltage may be present at PPTC.
u The devices are intended for protection against occasional over-current or over-temperature fault conditions and should not be
used when repeated fault conditions or prolonged trip events.
u In most application, power must be removed and the fault condition cleared in order to reset a PPTC device.
u PPTC devices are not recommended to be installed in applications where the device is constrained such that its PPTC
properties are inhibited, for example in rigid potting materials or Add devices surface coating, Bundled devices ontology, which
lack adequate clearance to accommodate device expansion.
u Contamination on of the PPTC material with certain silicone-based oils or some aggressive solvents can adversely impact the
performance of the devices. For example, Organic solvents to cleaning.
Warning



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com