Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2000SA Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # P2000SA
Description  Thyristor Surge Suppressors (TSS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P2000SA Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  P2000SA Datasheet HTML 1Page - Socay Electornics Co., Ltd. P2000SA Datasheet HTML 2Page - Socay Electornics Co., Ltd. P2000SA Datasheet HTML 3Page - Socay Electornics Co., Ltd. P2000SA Datasheet HTML 4Page - Socay Electornics Co., Ltd. P2000SA Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
5 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0080SA - P5000SA Series - DO-214AA(SMB)
@10/700
μS, 2KV
SOCAY Electronics Co., Ltd.
www.socay.com
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.76
1.60
F
0.076
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
K
0.006
0.016
0.15
0.41
Part Number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
Pxxx0SA
DO-214AA
2500
Tape & Reel -12mm/13
″tape
EIA -481 - D
Inch
(millimeter)
Pad outline
Date code
Part Marking Code
(Refer to Electrical Characteristics Table)
Dimensions are in inches
(and millimeters)
Direction of Feed
0.49
(12.4)
0.512(13.0)
Arbor Hole Diameter
12.99
(330.0)
0.36
(9.2)
0.157
(4.0)
0.059
(1.5)
Diameter
0.315
(8.0)
Cover tape
0.472
(12.0)
Part Numbering
Part Marking
Dimensions
DO-214AA
Packaging
Tape and Reel Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com