Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB140DS07 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LB140DS07
Description  140MHz Low-loss SAW Filte
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS07 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LB140DS07 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS07 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS07 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS07
Rev. Date
2007-09-14
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
140MHz Low-loss SAW Filter
7MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS07
Features
For Low-loss SAW filter
High attenuation
Single-ended operation
Ceramic Surface Mount Package
Small size
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
139.8
140
140.2
Insertion Loss
dB
-
5.8
7.5
1 dB Bandwidth
MHz
5.8
6.2
-
3 dB Bandwidth
MHz
6.85
7.22
-
40 dB Bandwidth
MHz
-
10.88
11.1
Passband Variation(f0±2.4MHz)
dB
-
0.4
1
Phase Linearity(f0±2.4MHz)
deg
-
3
14
Group Delay(f0±2.4MHz)
nsec
-
70
200
Absolute Delay
usec
-
1.24
-
Ultimate Rejection
dB
-
48
-
Material Temperature coefficient
KHz/°C
-13.16
Substrate Material
-
YZ
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1
Package Size
SMD13.3*6.5C
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LB140DS07

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS07 SIPAT-LB140DS07 Datasheet
146Kb / 3P
140MHz Low-loss SAW Filter 7MHz Bandwidth
More results

Similar Description - LB140DS07

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS16 SIPAT-LB140DS16 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 22MHz Bandwidth
LB140DS23 SIPAT-LB140DS23 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter 4.5MHz Bandwidth
LB140DS24 SIPAT-LB140DS24 Datasheet
282Kb / 3P
140MHz Low-loss SAW Filter 1.8MHz Bandwidth
LB140DS25 SIPAT-LB140DS25 Datasheet
298Kb / 3P
140MHz Low-loss SAW Filter 1.75MHz Bandwidth
LB140DS15 SIPAT-LB140DS15 Datasheet
158Kb / 4P
140MHz Low-loss SAW Filter
LB140DS16 SIPAT-LB140DS16 Datasheet
153Kb / 3P
140MHz Low-loss SAW Filter
LB140DS22 SIPAT-LB140DS22 Datasheet
158Kb / 3P
140MHz Low-loss SAW Filter
LB140DS23 SIPAT-LB140DS23 Datasheet
294Kb / 3P
140MHz Low-loss SAW Filter
LB140DS24 SIPAT-LB140DS24 Datasheet
288Kb / 3P
140MHz Low-loss SAW Filter
LB140DS25 SIPAT-LB140DS25 Datasheet
304Kb / 3P
140MHz Low-loss SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com