Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4202 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4202
Description  Audio Codec 97 with headphone Amplifier
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4202 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4202 Datasheet HTML 35Page - Cirrus Logic CS4202 Datasheet HTML 36Page - Cirrus Logic CS4202 Datasheet HTML 37Page - Cirrus Logic CS4202 Datasheet HTML 38Page - Cirrus Logic CS4202 Datasheet HTML 39Page - Cirrus Logic CS4202 Datasheet HTML 40Page - Cirrus Logic CS4202 Datasheet HTML 41Page - Cirrus Logic CS4202 Datasheet HTML 42Page - Cirrus Logic CS4202 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
CS4202
DS549PP1
39
4.25
Serial Port Control Register (Index 6Ah)
SDEN
Serial Data Output Enable. The SDEN bit enables transmission of serial data on the SDOUT
pin. The SDEN bit routes the left and right channel data from the AC ’97 controller to the serial
data port. The actual data routed to the serial data port are controlled through the DSA[1:0]
configuration in the Extended Audio ID Register (Index 28h). SDEN also functions as a mas-
ter control for the second serial data output port and the serial clock. Setting this bit also dis-
ables the GPIO[1:0] pins and clears the GC[1:0] bits in the GPIO Pin Configuration Register
(Index 4Ch). Clearing this bit re-enables the GPIO[1:0] pins and sets the GC[1:0] bits.
SDO2
Serial Data Output 2 Enable. The SDO2 bit enables transmission of serial data on the
GPIO4/SDO2 pin. The SDO2 bit routes the left and right channel data from the AC ’97 con-
troller to the second serial data port. The actual slots routed to the second serial data port are
controlled through the DSA[1:0] configuration in the Extended Audio ID Register (Index 28h).
This bit can only be ‘set’ if the SDEN bit is ‘1’ and will be ‘cleared’ automatically if SDEN re-
turns to ‘0’. Setting this bit also disables the GPIO4 pin and clears the GC4 bit in the GPIO
Pin Configuration Register (Index 4Ch). Clearing this bit re-enables the GPIO4 pin and sets
the GC4 bit.
SDSC
Serial Clock Enable. The SDSC bit enables transmission of a serial clock on the EAPD/SCLK
pin. Serial data can be routed to DACs that support internal SCLK mode without transmitting
a serial clock. For DACs that only support external SCLK mode, transmission of a serial clock
is required and this bit must be set to ‘1’. This bit can only be set if the SDEN bit is ‘1’ and will
be cleared automatically if SDEN returns to ‘0’. Furthermore, the SDSC bit can only be ‘set’
if the EAPD bit in the Powerdown Control/Status Register (Index 26h) is ‘0’. If the SDEN bit
is ‘0’ or the EAPD bit is ‘1’, SDSC is a read-only bit and always returns ‘0’.
SDF[1:0]
Serial Data Format. The SDF[1:0] bits control the format of the serial data transmitted on the
two output ports. All ports will use the same format. See Table 12 for available formats.
Default
0000h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SDEN
0
0000
0000
00
SDO2 SDSC SDF1
SDF0
SDF1 SDF0
Serial Data Format
00
I2S
0
1
Left Justified
1
0
Right Justified, 20-bit data
1
1
Right Justified, 16-bit data
Table 12. Serial Data Format Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com