Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4281 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4281
Description  CrystalClear PCI Audio interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4281 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4281 Datasheet HTML 17Page - Cirrus Logic CS4281 Datasheet HTML 18Page - Cirrus Logic CS4281 Datasheet HTML 19Page - Cirrus Logic CS4281 Datasheet HTML 20Page - Cirrus Logic CS4281 Datasheet HTML 21Page - Cirrus Logic CS4281 Datasheet HTML 22Page - Cirrus Logic CS4281 Datasheet HTML 23Page - Cirrus Logic CS4281 Datasheet HTML 24Page - Cirrus Logic CS4281 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DS308PP4
21
CS4281
CrystalClear™ PCI Audio Interface
CIRRUS LOGIC PRODUCT DATA SHEET
The dual codec architecture of AC ‘97, version 2.1, is supported wherein the second codec uses the same
pins from the primary, with the exception of a separate serial data-in line (ASDIN2) illustrated in
Figure 10. The Primary Codec is the timing master for the digital audio link and the CS4281. The ASD-
OUT output supports data transmission on nine of the output sample slots (output slots 3 - 11). The ASDIN
and ASDIN2 inputs support receiving of audio sample data on nine of the input sample slots (input slots
3 - 11).
ABITCLK
ASYNC
ASDOUT
ASDIN
ARST#
MIDIIN
MIDIOUT
JACX, JACY, JBCX, JBCY
JAB1, JAB2, JBB1, JBB2
Joystick/
MIDI Port
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
24.576 MHz
CS4297/97A
12.288 MHz
48 kHz
ASDIN2
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
CS4297A
(AC ’97 2.0)
CS4281
Figure 10. Dual AC ‘97 Codec Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com