Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4294 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4294
Description  SoundFusion Audio/Docking Codec 97 (AMC 97)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4294 Datasheet HTML 18Page - Cirrus Logic CS4294 Datasheet HTML 19Page - Cirrus Logic CS4294 Datasheet HTML 20Page - Cirrus Logic CS4294 Datasheet HTML 21Page - Cirrus Logic CS4294 Datasheet HTML 22Page - Cirrus Logic CS4294 Datasheet HTML 23Page - Cirrus Logic CS4294 Datasheet HTML 24Page - Cirrus Logic CS4294 Datasheet HTML 25Page - Cirrus Logic CS4294 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
CS4294
22
DS326PP4
6.1.10 Power Down Control/Status (Index 26h)
PR6
When set, the alternate line-out buffer is powered down.
PR5
When set, the internal master clock is disabled. The only way to recover from setting this bit is through
a cold AC ‘97 reset (driving the RESET# signal active).
PR4
When set, the AC link is powered down. The AC link can be restarted through a warm AC ‘97 reset using
the SYNC signal, or a cold AC ‘97 reset using the RESET# signal (the primary codec only).
PR3
When set, the analog mixer and voltage reference are powered down. When clearing this bit, the ANL,
ADC, and DAC bits should be checked before writing any mixer registers. Because the reference volt-
age is shared with the extended audio subsection, it will not power down unless the PRB bit is also set
in the Extended Codec Stat/Ctrl (Index 3Eh) register.
PR2
When set, the analog mixer is powered down (the voltage reference is still active). When clearing this
bit, the ANL bit should be checked before writing any mixer registers.
PR1
When set, the DACs are powered down. When clearing this bit, the DAC bit should be checked before
sending any data to the DACs.
PR0
When set, the ADCs and the ADC input muxes are powered down. When clearing this bit, no valid data
will be sent down the AC link until the ADC bit goes high.
REF
Voltage Reference Ready Status. When set, indicates the voltage reference is at a nominal level.
ANL
Analog Ready Status. When set, the analog output mixer, input multiplexer, and volume controls are
ready. When clear, no volume control registers should be written.
DAC
DAC Ready Status. When set, the DACs are ready to receive data across the AC link. When clear, the
DACs will not accept any valid data.
ADC
ADC Ready Status. When set, the ADCs are ready to send data across the AC link. When clear, no data
will be sent to the Controller.
Default
0000h, all blocks are powered on. The lower four bits will eventually change as the Codec finishes an
initialization and calibration sequence.
The PR[6:0] are power-down control for different sections of the Codec. The REF, ANL, DAC, and
ADC bits are status bits which, when set, indicate that a particular section of the Codec is ready. After
the Controller receives the Codec Ready bit in Slot 0, these status bits must be checked before writing
to any mixer registers.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PR6
PR5
PR4
PR3
PR2
PR1
PR0
REF
ANL
DAC
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com