Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4297 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4297
Description  CrystalClear SoundFusion Audio Codec 97
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4297 Datasheet HTML 11Page - Cirrus Logic CS4297 Datasheet HTML 12Page - Cirrus Logic CS4297 Datasheet HTML 13Page - Cirrus Logic CS4297 Datasheet HTML 14Page - Cirrus Logic CS4297 Datasheet HTML 15Page - Cirrus Logic CS4297 Datasheet HTML 16Page - Cirrus Logic CS4297 Datasheet HTML 17Page - Cirrus Logic CS4297 Datasheet HTML 18Page - Cirrus Logic CS4297 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
DS242F5
15
CS4297
CrystalClear™ SoundFusion™ Audio Codec ’97
DIGITAL HARDWARE DESCRIPTION
AC’97 AC-Link
The AC-Link is the serial connection between the
AC’97 Controller and the CS4297. The interface
consists of 5 signal lines (2 data, 2 clocks, and 1 re-
set). The basic connections of the link are shown in
Figure 2. The signals will be explained in detail be-
low.
AC-Link Protocol
The CS4297 serial interface is designed according
to the AC’97 Specification to allow connection to
any AC’97 Controller. An AC-Link audio frame is
divided into 13 ‘slots’; 1 16-bit slot and 12 20-bit
slots. During each audio frame, data is passed bi-di-
rectionally between the CS4297 and the AC’97
Controller.
AC-Link Serial Data Output Frame
For the serial data output frame, the SYNC,
BIT_CLK, and SDATA_OUT signals are used. In
the serial data output frame, data is passed on the
SDATA_OUT pin FROM the AC’97 Controller
TO the CS4297. In Figure 3 and in the following
Frame Slot definitions, the position of each bit lo-
cation within the frame is noted. The first bit posi-
tion in a new serial data frame is F0 and the last bit
position in the serial data frame is F255.
When SYNC goes active (high) and is sampled ac-
tive by the CS4297 (on the falling edge of
BIT_CLK), both devices are synchronized to a new
serial data frame. The data on the SDATA_OUT
pin at this clock edge is the final bit of the previous
serial data frame’s data. On the next rising edge of
BIT_CLK, the first bit of slot 0 is driven by the
AC’97 Controller on the SDATA_OUT pin. The
CS4297 latches in this data, as the first bit of the
frame, on the next falling edge of the BIT_CLK
clock signal.
Digital AC’97
Controller
CS4297
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
Figure 2. AC-link Connections
20.8uS
(48 KHz)
Tag Phase
Data Phase
12.288 MHz
81.4 nS
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
F0
F1
F2
F16
F15
F14
F13
F12
F36
F56
F76
0
F255
Valid
Frame
Slot 1
Valid
Slot 2
Valid
X
X
X
X
R/W
WD15
WD14
F37
F57
LP17
LP16
RP17
LC17
LC16
RC17
RD15
RD14
0
0
0
0
0
Codec
Ready
Slot 1
Valid
Slot 2
Valid
Bit Frame
Position
F0
F1
F2
F16
F15
F14
F13
F12
F36
F56
F76
F255
F37
F57
Bit Frame
Position
F255
F255
X
X
0
0
F97
F97
X
Slot 0
Slot 1
Slot 2
Slot 3
Slot 4
Slots 5-12
Figure 3. AC-Link Input and Output Framing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com