Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4297A Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4297A
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4297A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4297A Datasheet HTML 6Page - Cirrus Logic CS4297A Datasheet HTML 7Page - Cirrus Logic CS4297A Datasheet HTML 8Page - Cirrus Logic CS4297A Datasheet HTML 9Page - Cirrus Logic CS4297A Datasheet HTML 10Page - Cirrus Logic CS4297A Datasheet HTML 11Page - Cirrus Logic CS4297A Datasheet HTML 12Page - Cirrus Logic CS4297A Datasheet HTML 13Page - Cirrus Logic CS4297A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
CS4297A
10
2. GENERAL DESCRIPTION
The CS4297A is a mixed-signal serial audio Codec
compliant to the Intel® Audio Codec ‘97 Specifica-
tion, revision 2.1 [1]. It is designed to be paired
with a digital controller, typically located on the
PCI bus or integrated within the system core logic
chip set. The controller is responsible for all com-
munications between the CS4297A and the remain-
der of the system. The CS4297A contains two
distinct functional sections: digital and analog. The
digital section includes the AC-link interface,
S/PDIF interface, serial data port, and power man-
agement support. The analog section includes the
analog input multiplexer (mux), stereo output mix-
er, mono output mixer, stereo Analog-to-Digital
Converters (ADCs), stereo Digital-to-Analog Con-
verters (DACs), and their associated volume con-
trols.
2.1
AC-Link
All communication with the CS4297A is estab-
lished with a 5-wire digital interface to the control-
ler, as shown in Figure 7. This interface is called
the AC-link. All clocking for the serial communi-
cation is synchronous to the BIT_CLK signal.
BIT_CLK is generated by the primary audio codec
and is used to clock the controller and any second-
ary audio codecs. Both input and output AC-link
audio frames are organized as a sequence of 256 se-
rial bits forming 13 groups referred to as ‘slots’.
During each audio frame, data is passed bi-direc-
tionally between the CS4297A and the controller.
The input frame is driven from the CS4297A on the
SDATA_IN line. The output frame is driven from
the controller on the SDATA_OUT line. The con-
troller is also responsible for issuing reset com-
mands via the RESET# signal. Following a Cold
Reset, the CS4297A is responsible for notifying the
controller that it is ready for operation after syn-
chronizing its internal functions. The CS4297A
AC-link signals must use the same digital supply
voltage as the controller chip, either +5 V or
+3.3 V. See Section 3, AC Link Frame Definition,
for detailed AC-link information.
2.2
Control registers
The CS4297A contains a set of AC ’97 compliant
control registers and a set of Cirrus Logic defined
control registers. These registers control the basic
functions and features of the CS4297A. Read ac-
cesses of the control registers by the AC ’97 con-
troller are accomplished with the requested register
index in Slot 1 of a SDATA_OUT frame. The fol-
lowing SDATA_IN frame will contain the read
CODEC
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
Digital AC’97
Controller
Figure 7. AC-link Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com