Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4298 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 11Page - Cirrus Logic CS4298 Datasheet HTML 12Page - Cirrus Logic CS4298 Datasheet HTML 13Page - Cirrus Logic CS4298 Datasheet HTML 14Page - Cirrus Logic CS4298 Datasheet HTML 15Page - Cirrus Logic CS4298 Datasheet HTML 16Page - Cirrus Logic CS4298 Datasheet HTML 17Page - Cirrus Logic CS4298 Datasheet HTML 18Page - Cirrus Logic CS4298 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
CS4298
DS315PP2
15
Figure 8. Mixer Diagram
VOL
MUTE
MUTE
MUTE
MUTE
VOL
VOL
VOL
+20dB
DAC
3D
STEREO TO
MONO MIXER
VOL
VOL
OUTPUT
BUFFER
OUTPUT
BUFFER
MASTER VOLUME
ALTERNATE VOLUME
MAIN D/A
CONVERTERS
PCM_OUT
PCM OUT
PATH
STEREO
INPUT
MIXER
STEREO
OUTPUT
MIXER
Σ
Σ
Σ
MIC1
AUX
CD
LINE
Mode Control
SYNC
SDATA_OUT
MUTE
VOL
ADC
INPUT
MUX
VOL
MUTE
ADC
MAIN ADC GAIN
ADC
DAC
RESET#
ALT_LINE_OUT
LINE_OUT
GPIO
BIT_CLK
SDATA_IN
AC-Link Interface
2
/
2
/
2
/
2
/
2
/
2
/
2
/
10
/
3
/
MIC2
MIC SELECT
VIDEO
MUTE
VOL
2
/
MUTE
VOL
ADC
DAC
VOL
VOL
VOL
VOL
Vref
(loopback) HTX-
(loopback) HTX+
Vref
(loopback) MTX-
(loopback) MTX+
MRX+
MRX-
HRX+
HRX-
HRX-
HRX+
MRX+
MRX-
Class AB
Dif out
-
+
+
-
Class AB
Dif out
-
+
+
-
MTX+
MTX-
HTX+
HTX-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com