Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4299 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4299
Description  CrystalClear SoundFusion Audio Codec 97
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4299 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4299 Datasheet HTML 22Page - Cirrus Logic CS4299 Datasheet HTML 23Page - Cirrus Logic CS4299 Datasheet HTML 24Page - Cirrus Logic CS4299 Datasheet HTML 25Page - Cirrus Logic CS4299 Datasheet HTML 26Page - Cirrus Logic CS4299 Datasheet HTML 27Page - Cirrus Logic CS4299 Datasheet HTML 28Page - Cirrus Logic CS4299 Datasheet HTML 29Page - Cirrus Logic CS4299 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
CS4299
26
4.11
General Purpose Register (Index 20h)
3D
3D Enable. When ‘set’, the 3D bit enables the CrystalClearTM 3D stereo enhancement. This
function is not available in DAC Direct Mode (DDM).
MIX
Mono Output Select. The MIX bit selects the source for the Mono Out output. When ‘set’, the
microphone input is selected. When ‘clear’, the stereo-to-mono mixer is selected.
MS
Microphone Select. The MS bit determines which of the two Mic inputs are passed to the mixer.
When ‘set’, the MIC2 input is selected. When ‘clear’, the MIC1 input is selected.
LPBK
Loopback Enable. When ‘set’, the LPBK bit enables the ADC/DAC Loopback Mode. This bit
routes the output of the ADCs to the input of the DACs without involving the AC-link.
Default
0000h
4.12
3D Control Register (Index 22h)
S[3:0]
Spacial Enhancement Depth. These bits control the amount of “space” added to the output ste-
reo signal. When S[3:0] = 0000, the minimum amount of spatial enhancement is added. When
S[3:0] = 1111, the maximum amount of spatial enhancement is added. The 3D function is en-
abled and disabled by the 3D bit in the General Purpose Register (Index 20h).
Default
0000h. This value corresponds to minimum spatial enhancement added to the output signal.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
3D
0
0
0
MIX
MS
LPBK
0
000000
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00
00
000
0
0
0
0
0
S3
S2
S1
S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com