Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT232E Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT232E
Description  HIGH PERFORMANCE RS-232 LINE DRIVERS/RECEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT232E Datasheet(HTML) 5 Page - Unisonic Technologies

  UT232E Datasheet HTML 1Page - Unisonic Technologies UT232E Datasheet HTML 2Page - Unisonic Technologies UT232E Datasheet HTML 3Page - Unisonic Technologies UT232E Datasheet HTML 4Page - Unisonic Technologies UT232E Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UT232E
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-A19. a
APPLICATION INFORMATION
To operate from a single +5.0V supply, the UTC UT232A include charge pump voltage converters which can
allow it. To generate the RS-232 output levels these converters convert the +5.0V input power to the ±6.0V needed.
The current drain due to charge pump operation is considerably reduced with this power supplied externally. The
UTC UT232A can operate over the commercial, industrial and military temperature ranges.
Connecting the capacitor to VCC (+5.0V) is recommended.
1
3
0.1µF +
4
5
0.1µF +
Voltage Doubler
VCC
16
Voltage Inverter
T1
14
T1OUT
T1IN
11
400kΩ
T2
7
T2OUT
T2IN
10
12
9
R1OUT
R2OUT
TTL/CMOS
INPUTS
TTL/CMOS
OUTPUTS
5kΩ
0.1µF
0.1µF
+
2
6
R1IN
R2IN
RS-232
INPUTS
RS-232
OUTPUTS
+5V INPUT
V+
V-
13
8
R2
R1
GND
+
C1+
C1-
C2+
C2-
15
400kΩ
5kΩ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com