Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4340-KS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4340-KS
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4340-KS Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4340-KS Datasheet HTML 4Page - Cirrus Logic CS4340-KS Datasheet HTML 5Page - Cirrus Logic CS4340-KS Datasheet HTML 6Page - Cirrus Logic CS4340-KS Datasheet HTML 7Page - Cirrus Logic CS4340-KS Datasheet HTML 8Page - Cirrus Logic CS4340-KS Datasheet HTML 9Page - Cirrus Logic CS4340-KS Datasheet HTML 10Page - Cirrus Logic CS4340-KS Datasheet HTML 11Page - Cirrus Logic CS4340-KS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
CS4340
8
DS297PP3
POWER AND THERMAL CHARACTERISTICS
Notes: 9. Refer to Figure 15.
10. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 4. Increasing the
capacitance will also increase the PSRR.
DIGITAL CHARACTERISTICS (for -KS parts T
A = -10 to 70°C; for -BS parts TA = -40 to 85°C;
VA = 2.7 V - 5.5 V)
CS4340-KS
CS4340-BS
Parameters
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation
VA = 5 V
power-down state
IA
IA
-
-
15
60
18
-
-
-
15
60
TBD
-
mA
µA
Power Dissipation
(Note 9)
VA = 5 V
normal operation
power-down
-
-
75
0.3
90
-
-
-
75
0.3
TBD
-
mW
mW
Power Supply Current
normal operation
VA = 3 V
power-down state
IA
IA
-
-
10
30
14
-
-
-
10
30
TBD
-
mA
µA
Power Dissipation
(Note 9)
VA = 3 V
normal operation
power-down
-
-
30
0.09
42
-
-
-
30
0.09
TBD
-
mW
mW
Package Thermal Resistance
θ
JA
-
110
-
-
110
-
°C/Watt
Power Supply Rejection Ratio (1 kHz)
(Note 10)
(60 Hz)
PSRR
-
-
60
40
-
-
-
-
60
40
-
-
dB
dB
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VA = 5 V
VA = 3 V
VIH
2.0
2.0
-
-
-
-
V
V
Low-Level Input Voltage
VA = 5 V
VA = 3 V
VIL
-
-
-
-
0.8
0.8
V
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
3
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com