Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4340 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB4340
Description  24-Bit, 96 kHz Stereo DAC for Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB4340 Datasheet HTML 1Page - Cirrus Logic CDB4340 Datasheet HTML 2Page - Cirrus Logic CDB4340 Datasheet HTML 3Page - Cirrus Logic CDB4340 Datasheet HTML 4Page - Cirrus Logic CDB4340 Datasheet HTML 5Page - Cirrus Logic CDB4340 Datasheet HTML 6Page - Cirrus Logic CDB4340 Datasheet HTML 7Page - Cirrus Logic CDB4340 Datasheet HTML 8Page - Cirrus Logic CDB4340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CS4340
DS297PP3
5
1.
CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (Test conditions (unless otherwise specified): T
A = 25 °C; Logic "1" =
VA = 5 V; Logic "0" = AGND;Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; Fs for Base-rate Mode =
48 kHz, SCLK = 3.072 MHz, Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified; Fs for High-
Rate Mode = 96 kHz, SCLK = 6.144 MHz, Measurement Bandwidth 10 Hz to 40 kHz, unless otherwise specified.
Test load RL = 10 kΩ, CL = 10 pF (see Figure 13)
Notes: 1. CS4340-KS parts are tested at 25 °C and Min/Max performance numbers are guaranteed across the
specified temperature range, TA.
2. One-half LSB of triangular PDF dither is added to data.
Parameter
Base-rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
CS4340-KS Dynamic Performance for VA = 5 V (Note 1)
Specified Temperature Range
TA
-10
-
70
-10
-
70
°C
Dynamic Range
(Note 2)
18 to 24-Bit
unweighted
A-Weighted
16-Bit unweighted
A-Weighted
93
96
-
-
98
101
95
97
-
-
-
-
91
95
-
-
96
100
94
97
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-91
-78
-38
-90
-75
-35
-86
-
-
-
-
-
-
-
-
-
-
-
-89
-76
-36
-89
-74
-34
-84
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
102
-
-
102
-
dB
CS4340-KS Dynamic Performance for VA = 3 V (Note 1)
Specified Temperature Range
TA
-10
-
70
-10
-
70
°C
Dynamic Range
(Note 2)
18 to 24-Bit
unweighted
A-Weighted
16-Bit unweighted
A-Weighted
89
92
-
-
94
97
93
96
-
-
-
-
87
91
-
-
92
96
92
96
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 2)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-94
-74
-34
-93
-73
-33
-88
-
-
-
-
-
-
-
-
-
-
-
-92
-72
-32
-91
-72
-32
-87
-
-
-
-
-
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
102
-
-
102
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com