Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4360 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4360
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4360 Datasheet HTML 8Page - Cirrus Logic CS4360 Datasheet HTML 9Page - Cirrus Logic CS4360 Datasheet HTML 10Page - Cirrus Logic CS4360 Datasheet HTML 11Page - Cirrus Logic CS4360 Datasheet HTML 12Page - Cirrus Logic CS4360 Datasheet HTML 13Page - Cirrus Logic CS4360 Datasheet HTML 14Page - Cirrus Logic CS4360 Datasheet HTML 15Page - Cirrus Logic CS4360 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
CS4360
12
DS517PP1
2.
TYPICAL CONNECTION DIAGRAM
21
Digital
Audio
Source
VLS
GND
CS4360
MCLK
VA
AOUT1A
2
3
4
8
0.1 µF
+
1 µF
+3 V to +5 V *
µ C/
Mode
Configuration
13
10
12
SDIN1
5
DIF1/SCL/CCLK
DIF0/SDA/CDIN
M1/AD0/CS
RST
MUTEC1
OPTIONAL
MUTE
CIRCUIT
3.3 µF
0.1 µ F
AOUTA1
C =
4 π Fs(R 560)
L
R L
+
+
16
15
FILT+
VQ
11
15
M2
7
6
LRCK1
SCLK1
SDIN3
SDIN2
3.3 µF
10 k
C
560
+
28
27
3.3 µF
10 k
C
560
+
26
AOUTB1
R L
OPTIONAL
MUTE
CIRCUIT
AOUTA2
R L
3.3 µF
10 k
C
560
+
25
24
3.3 µF
10 k
C
560
+
23
AOUTB2
R L
OPTIONAL
MUTE
CIRCUIT
AOUTA3
R L
3.3 µF
10 k
C
560
+
18
20
3.3 µF
10 k
C
560
+
19
AOUTB3
R L
AOUT1B
0.1 µ F
3.3 µF
AOUT2A
MUTEC2
AOUT2B
AOUT3A
MUTEC3
AOUT3B
VD
0.1 µF
+
1 µF
GND
9
0.1 µF
+1.8 V to +5 V *
VLC
0.1 µF
+1.8 V to +5 V *
RL+560
+3 V to +5 V *
* All supplies can be tied together
22
1
14
SDIN4
LRCK2
SCLK2
4
4
4
Figure 4. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com