Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS0705-820M-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # LDS0705-820M-R
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LDS0705-820M-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  LDS0705-820M-R Datasheet HTML 1Page - Cooper Bussmann, Inc. LDS0705-820M-R Datasheet HTML 2Page - Cooper Bussmann, Inc. LDS0705-820M-R Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• 125°C maximum temperature operation
• 7.8mm x 7.0mm x 5.0mm shielded drum core
• Ferrite core material
• Metalized core mounting utilizes board space
• Inductance range from 0.82µH to 470µH
• Current range from 8.57 Amps to 0.368 Amps
• Frequency range up to 1MHz
Applications
• Buck or Boost Inductor
• Noise filtering and output filter chokes
• Battery Power, DC-DC converters
• Notebook power, PDA’s, Hand held computers
• DVD players
• Cellular phones
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 1000 per reel
LDS0705 Series
Shielded Power Inductors
Part Number
Rated
OCL (1)
Irms(2)
Isat (3)
DCR (
Ω)
K-factor
Inductance
µH
Amperes
Amperes
@20°C
(4)
(µH)
(Typical)
LDS0705-R82M-R
0.82
0.861±20%
7.68
8.57
0.0040
24.8
LDS0705-1R5M-R
1.5
1.42±20%
6.17
6.67
0.0061
19.3
LDS0705-2R2M-R
2.2
2.13±20%
5.06
5.45
0.009
15.8
LDS0705-3R3M-R
3.3
2.97±20%
4.19
4.62
0.013
13.4
LDS0705-4R7M-R
4.7
5.08±20%
3.32
3.53
0.021
10.2
LDS0705-6R8M-R
6.8
6.34±20%
3.11
3.16
0.024
9.2
LDS0705-8R2M-R
8.2
7.75±20%
2.67
2.86
0.033
8.3
LDS0705-100M-R
10.0
9.30±20%
2.54
2.61
0.036
7.6
LDS0705-150M-R
15.0
14.78±20%
2.04
2.07
0.056
6.0
LDS0705-220M-R
22.0
21.53±20%
1.66
1.71
0.084
5.0
LDS0705-330M-R
33.0
32.50±20%
1.48
1.40
0.107
4.0
LDS0705-470M-R
47.0
45.71±20%
1.21
1.18
0.158
3.4
LDS0705-680M-R
68.0
69.76±20%
0.985
0.952
0.240
2.8
LDS0705-820M-R
82.0
83.67±20%
0.850
0.870
0.323
2.5
LDS0705-101M-R
100.0
98.9±20%
0.808
0.800
0.357
2.3
LDS0705-151M-R
150.0
152.0±20%
0.649
0.645
0.554
1.9
LDS0705-221M-R
220.0
216.5±20%
0.584
0.541
0.68
1.6
LDS0705-331M-R
330.0
329.9±20%
0.470
0.438
1.06
1.3
LDS0705-471M-R
470.0
467.0±20%
0.387
0.368
1.56
1.1
(1) Open Circuit Inductance Test Parameters: 100kHz, 0.1V, 0.0Adc.
(2) Irms: DC current for an approximate
∆T of 30°C without core loss. Derating is
necessary for AC currents. PCB layout, trace thickness and width, air-flow, and
proximity of other heat generating components will affect the temperature rise. It
is recommended that the temperature of the part not exceed 125°C under worst
case operating conditions verified in the end application.
(3) Isat Amperes peak for approximately 15% rolloff (@25°C)
(4) K-factor: Used to determine B p-p for core loss (see graph).
B p-p = K*L*
∆I, B p-p(mT), K: (K factor from table), L: (Inductance in µH),
∆I (Peak to peak ripple current in Amps).
(5) Part Number Definition: LDS0705-xxx-R
LDS0705 = Product code and size; -xxx = Inductance value in uH;
R = decimal point; If no R is present, third character = # of zeros.
M = Inductance tolerance +/- 20%
-R suffix = RoHS compliant
RoHS
2002/95/EC


Similar Part No. - LDS0705-820M-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
LDS0705-820M-R EATON-LDS0705-820M-R Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
More results

Similar Description - LDS0705-820M-R

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com