Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4383 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4383
Description  114 dB, 192 kHz 8-Channel D/A Converter?
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4383 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4383 Datasheet HTML 9Page - Cirrus Logic CDB4383 Datasheet HTML 10Page - Cirrus Logic CDB4383 Datasheet HTML 11Page - Cirrus Logic CDB4383 Datasheet HTML 12Page - Cirrus Logic CDB4383 Datasheet HTML 13Page - Cirrus Logic CDB4383 Datasheet HTML 14Page - Cirrus Logic CDB4383 Datasheet HTML 15Page - Cirrus Logic CDB4383 Datasheet HTML 16Page - Cirrus Logic CDB4383 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
CS4383
13
Digital
Au dio
S ource
VLS
C S 4383
MC LK
VD
AO UTA1+
9
11
32
0.1 µ F
+
1µ F
+ 3.3 V to+5V
SD IN 1
7
1µ F
0.1 µ F
+
+
20
21
FILT+
VQ
6
LR C K
SC LK
SD IN 3
SD IN 2
39
40
0.1 µ F
47 µ F
VA
0.1 µ F
+
1µ F
0.1 µ F
+1.8 V to+5V
+5 V
4
43
SD IN 4
13
A nalog C onditioning
and M utin g
AO U T A 1-
AO UTA2+
35
36
A nalog C onditioning
and M utin g
AO U T A 2-
AO UTB2+
34
33
A nalog C onditioning
and M utin g
AO U T B 2-
AO UTA3+
29
30
A nalog C onditioning
and M utin g
AO U T A 3-
AO UTB3+
28
27
A nalog C onditioning
and M utin g
AO U T B 3-
AO UTA4+
25
26
A nalog C onditioning
and M utin g
AO U T A 4-
AO UTB4+
24
23
A nalog C onditioning
and M utin g
AO U T B 4-
MU T E C 1
41
19
MU TE C 3
12
8
PC M
31
GN D
GN D
5
VL C
0.1 µ F
+1 .8 V to+5V
17
DS D
Aud io
So urce
2
48
DS DB 2
3
DS DA 1
DS DB 3
DS DA 3
DS DA 4
DS DB 1
DS DA 2
46
45
47
1
44
DS DB 4
15
14
M2
M1
M0
M3 (D S D _S C LK
42
16
AO U TB1+
37
A na log C ond ition ing
an d M u ting
AO UT B1 -
MU TE C 2
22
38
18
RST
NoteDSD
NoteDSD: F or D S D o peratio n:
1) LR C K m ust be tie d to V LS and
rem ain sta tic hig h.
2) M 3 P C M sta nd-alone con figuration
pin be com es D S D _S C LK
S ta nd-A lone
Mo de
C o nfiguratio n
47 K
Ω
NoteVLC
NoteVLC: If s eries resisto rs are
used they m ust be <1k O hm . If
possible tie V LC to the V D supply
to redu ce possible excess current
consu m ption fro m V LC .
47 K
Ω
VLS
NoteDSD
Figure 6. Typical Connection Diagram Stand-Alone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com