Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4396 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CDB4396
Description  24-Bit, 192 kHz D/A Converter for Digital Audio?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4396 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CDB4396 Datasheet HTML 20Page - Cirrus Logic CDB4396 Datasheet HTML 21Page - Cirrus Logic CDB4396 Datasheet HTML 22Page - Cirrus Logic CDB4396 Datasheet HTML 23Page - Cirrus Logic CDB4396 Datasheet HTML 24Page - Cirrus Logic CDB4396 Datasheet HTML 25Page - Cirrus Logic CDB4396 Datasheet HTML 26Page - Cirrus Logic CDB4396 Datasheet HTML 27Page - Cirrus Logic CDB4396 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
CS4396
24
DS288PP1
-160
-140
-120
-100
-80
-60
-40
-20
0
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
Frequency (normalized to Fs)
-160
-140
-120
-100
-80
-60
-40
-20
0
0.5
0.52
0.54
0.56
0.58
0.6
0.62
0.64
0.66
0.68
0.7
Frequency (normalized to Fs)
Figure 15. Quad-speed Stopband Rejection
Figure 16. Quad-speed Transition Band
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Frequency (normalized to Fs)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.35
0.37
0.39
0.41
0.43
0.45
0.47
0.49
0.51
0.53
Frequency (normalized to Fs)
Figure 17. Quad-speed Transition Band
Figure 18. Quad-speed Frequency Response
Figure 19. De-Emphasis Curve
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com