Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25DF161-MH-T Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # AT25DF161-MH-T
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161-MH-T Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button AT25DF161-MH-T Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF161-MH-T Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
49
AT25DF161
18.2
8S1 – JEDEC SOIC
DRAWING NO. REV.
TITLE
GPC
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
–
0.25
A
1.35
–
1.75
b
0.31
–
0.51
C
0.17
–
0.25
D
4.80
–
5.05
E1
3.81
–
3.99
E
5.79
–
6.20
e
1.27 BSC
L
0.40
–
1.27
Ø
Ø
0°
–
8°
Ø
E
1
N
TOP VIEW
C
E1
END VIEW
A
b
L
A1
e
D
SIDE VIEW
Package Drawing Contact:
contact@adestotech.com
8S1
G
6/22/11
Notes: This drawing is for general information only.
Refer to JEDEC Drawing MS-012, Variation AA
for proper dimensions, tolerances, datums, etc.
8S1, 8-lead (0.150” Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
SWB
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com