Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4630-CM Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4630-CM
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4630-CM Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4630-CM Datasheet HTML 24Page - Cirrus Logic CS4630-CM Datasheet HTML 25Page - Cirrus Logic CS4630-CM Datasheet HTML 26Page - Cirrus Logic CS4630-CM Datasheet HTML 27Page - Cirrus Logic CS4630-CM Datasheet HTML 28Page - Cirrus Logic CS4630-CM Datasheet HTML 29Page - Cirrus Logic CS4630-CM Datasheet HTML 30Page - Cirrus Logic CS4630-CM Datasheet HTML 31Page - Cirrus Logic CS4630-CM Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
CS4630
28
DS445PP1
10uF
VAUX_SEL
+3.3V_Main
+3.3V_AUX
+3.3VD
VAUX_SENSE
PCIVDD_SENSE
TO PCIVDD PINS
3.3V to 2.5V
LDO VREG
TO CVDD PINS
3.3K
2K
470
470
Figure 19. On-Card 3.3Vaux Switching Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com