Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49300 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 59Page - Cirrus Logic CS49300 Datasheet HTML 60Page - Cirrus Logic CS49300 Datasheet HTML 61Page - Cirrus Logic CS49300 Datasheet HTML 62Page - Cirrus Logic CS49300 Datasheet HTML 63Page - Cirrus Logic CS49300 Datasheet HTML 64Page - Cirrus Logic CS49300 Datasheet HTML 65Page - Cirrus Logic CS49300 Datasheet HTML 66Page - Cirrus Logic CS49300 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
CS49300 Family DSP
DS339PP4
63
require external SRAM. Please refer to the
CS4932X/CS49330 Part Matrix vs. Code Matrix
for more detail about each particular application
code.
The speed of external ROM or Flash Memory need
only be 330nS (or faster) which stores the
application codes, while the speed of the SRAM
must be 70nS or faster.
8.7. External Memory Examples
8.7.1. Non-Paged Autoboot Memory
The most rudimentary memory design discussed
above is the non-paged memory. In a non-paged
design, the DSP can only access one item in
memory which could be either a single full
download code load. The memory image given in
Figure 40 is an example of a non-paged memory
image.
Only 15 of the 16 output bits of the address latches
would be connected to address bits A0-A14 of the
ROM Content
Image Size
Number of Pages
Required
IBA Code(s)
Stored in Host
Type of Design
CS493254
N/A, All IBA codes are loaded
using Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
Dolby Digital with
PL II,
C.O.S.
Dolby Digital with
Pro Logic II 5.1
Channel System
Dolby Digital with PLII +
Cinema Re-EQ,
HDCD
32 + 32 = 64 Kbytes
2
C.O.S.
Enhanced
Dolby Digital with
Pro Logic II 5.1
Channel System
CS493264
N/A, All IBA codes are loaded
using Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
Dolby Digital with
PL II,
C.O.S., DTS
Enhanced
Dolby Digital/
DTS 5.1 Channel
System
Dolby Digital with C.E.S., MPEG
Multichannel with C.E.S., DTS
with C.E.S., MP3
32 * 4 pages =
128 Kbytes
4
C.O.S.
Basic 6.1
Channel System
Dolby Digital with PLII with
C.E.S., MPEG Multichannel with
PLII, DTS-ES, DTS Neo:6
32 * 4 pages =
128 Kbytes
4
C.O.S.
Enhanced 6.1
Channel System
Dolby Digital with PLII with
C.E.S., MPEG Multichannel with
PLII, DTS-ES with PLII, DTS
Neo:6, HDCD, LOGIC7, MP3,
Virtual Dolby Digital with VMAx
VirtualTheater
32 * 8 =
256 Kbytes
8
C.O.S.
Premium
6.1/7.1 Channel
System
CS493292
Dolby Digital with PLII with
C.E.S., MPEG Multichannel with
PLII, DTS-ES, DTS Neo:6,
HDCD, SRS Circle Surround II,
C.O.S., MPEG-2: AAC
32 * 8 =
256 Kbytes
8
N/A, No IBA
Codes not avail-
able for the
CS493292
Premium 6.1/7.1
Channel System
with AAC
Support
Table 12. Memory Requirements for Example 5.1, 6.1 and 7.1 Channel Systems



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com