Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSD2N60 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSD2N60
Description  600V N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD2N60 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSD2N60 Datasheet HTML 1Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 2Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 3Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 4Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 5Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 6Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 7Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 8Page - Bruckewell Technology LTD MSD2N60 Datasheet HTML 9Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MSD2N60 600V N-Channel MOSFET
©Bruckewell Technology Corporation Rev. A -2012
Thermal Resistance Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
––
2.87
RθJA
Junction-to-Ambient
––
50.0
/W
℃
Electrical Characteristics
(Tc=25°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Type
Max
Units
On Characteristics
VGS
Gate Threshold Voltage
VDS=VGS,ID=250μA
2.0
––
4.0
V
RDS(ON)
Static Drain-Source
On-Resistance
VGS=10V,ID=1.0A
––
4.0
4.7
Ω
Off Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0 V , ID=250μA
600
––
––
V
△BVDSS
/△TJ
Breakdown Voltage Temperature
Coefficient
ID=250μA, Referenced to 25℃
––
0.6
––
V/℃
VDS=600V , VGS= 0 V
––
––
10
μA
IDSS
Zero Gate Voltage Drain Current
VDS=480V , VC= 125℃
––
––
100
μA
IGSSF
Gate-Body Leakage Current,
Forward
VGS=30V , VDS=0 V
––
––
100
nA
IGSSR
Gate-Body Leakage Current,
Reverse
VGS=-30V , VDS=0 V
––
––
–100
nA
Dynamic Characteristics
Ciss
Input Capacitance
––
320
420
pF
Coss
Output Capacitance
––
35
46
pF
Crss
Reverse Transfer Capacitance
VDS=25V, VGS=0V,
f=1.0MHz
––
4.5
6.0
pF
Switching Characteristics
td(on)
Turn-On Time
––
8
30
ns
tr
Turn-On Rise Time
––
23
60
ns
td(off)
Turn-Off Delay Time
––
25
60
ns
tf
Turn-Off Fall Time
VDS=300 V, ID=2A,
RG=25Ω
––
28
70
ns
Qg
Total Gate Charge
––
9.5
13
nC
Qgs
Gate-Source Charge
––
1.6
––
nC
Qgd
Gate-Drain Charge
VDS=480V,ID=2A,
VGS=10 V
––
4.0
––
nC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com