Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49326 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 70Page - Cirrus Logic CS49326 Datasheet HTML 71Page - Cirrus Logic CS49326 Datasheet HTML 72Page - Cirrus Logic CS49326 Datasheet HTML 73Page - Cirrus Logic CS49326 Datasheet HTML 74Page - Cirrus Logic CS49326 Datasheet HTML 75Page - Cirrus Logic CS49326 Datasheet HTML 76Page - Cirrus Logic CS49326 Datasheet HTML 77Page - Cirrus Logic CS49326 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
CS49300 Family DSP
74
DS339PP4
1
PCM - Left Justified 24-bit
Compressed - Left Justified
16-bit
(Compressed meaning any type of
compressed data such as IEC61937-
packed AC-3, DTS, MPEG
Multichannel, AAC or MP3 elementary
stream data from a DVD or IEC60958-
packed elementary stream DTS data
from a DTS-CD)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x001000
0x80011A
0x001800
2
PCM - I2S 24-bit
Multichannel PCM (6 Channel)
- Left Justified 24-bit PCM
(for Post-Processing Codes that can
accept 6 channels on one line like
THX Surround EX application code)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0048C0
0x80011A
0x0119C0
22
PCM - I2S 24-bit
Multichannel PCM (2 Channel)
- Left Justified 24-bit PCM
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0018C0
0x80011A
0x0119C0
24
PCM - I2S 24-bit
Multichannel PCM (4 Channel)
- Left Justified 24-bit PCM
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0030C0
0x80011A
0x0119C0
3
PCM - Left Justified 24-bit
Multichannel PCM (6 Channel)
- Left Justified 24-bit
(for Post-Processing Codes that can
accept 6 channels on one line like
THX Surround EX application code)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0048C0
0x80011A
0x0018C0
B Value
Data Format
Hex
Message
Table 19. Input Data Format Configuration
(Input Parameter B) (Continued)
32
PCM - Left Justified 24-bit
Multichannel PCM (2 Channel)
- Left Justified 24-bit
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0018C0
0x80011A
0x0018C0
34
PCM - Left Justified 24-bit
Multichannel PCM (4 Channel)
- Left Justified 24-bit
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0030C0
0x80011A
0x0018C0
4-6
Not Used
7
PCM - I2S 24-bit
Multichannel PCM (6 Channel)
- Left Justified 20-bit
(used by standard post-processing
application codes like THX Surround
EX)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x003CC0
0x80011A
0x0119C0
72
PCM - I2S 24-bit
Multichannel PCM (2 Channel)
- Left Justified 20-bit
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0014C0
0x80011A
0x0119C0
74
PCM - I2S 24-bit
Multichannel PCM (4 Channel)
- Left Justified 20-bit
(used only by special post-processing
application codes)
0x800217
0x8080FF
0x80021A
0x8080FF
0x800117
0x0014C0
0x80011A
0x0119C0
B Value
Data Format
Hex
Message
Table 19. Input Data Format Configuration
(Input Parameter B) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com