Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4924-CL Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS4924-CL
Description  Multi-Channel Digital Audio Decoders
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4924-CL Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS4924-CL Datasheet HTML 32Page - Cirrus Logic CS4924-CL Datasheet HTML 33Page - Cirrus Logic CS4924-CL Datasheet HTML 34Page - Cirrus Logic CS4924-CL Datasheet HTML 35Page - Cirrus Logic CS4924-CL Datasheet HTML 36Page - Cirrus Logic CS4924-CL Datasheet HTML 37Page - Cirrus Logic CS4924-CL Datasheet HTML 38Page - Cirrus Logic CS4924-CL Datasheet HTML 39Page - Cirrus Logic CS4924-CL Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
CS4923/4/5/6/7/8/9
36
DS262F2
6.2.2 Motorola Parallel Host Mode
Motorola parallel host mode is accomplished with
CS, DS, R/W, A[1:0], and DATA[7:0]. Table 6
shows the pin name, pin description and pin
number of each signal on the CS4923/4/5/6/7/8/9.
In Motorola host interface mode, the host interface
pins act as an active-low chip select, CS, an active-
low data strobe, DS, and a R/W control signal.
Internally to the CS492X, DS and CS are logically
ANDED. Therefore, in some cases, DS and CS can
be externally tied together with a common active-
low strobe. Otherwise, in long decoder delay
scenarios, read or write cycles can be terminated
earlier by connecting the microprocessor active-
low data-strobe signal to the CS492X DS and a
delayed final active-low chip select independently
to the CS pin.
When the DSP writes a byte to the HOSTMSG
register, the HOUTRDY bit in the CONTROL
register is set to indicate that there is data to be
read. During read cycles, DATA[7:0] are driven
when R/W is high and DS and CS are both low.
DATA[7:0] are released with the earliest of CS or
DS going high. The HOUTRDY bit of the
CONTROL register is cleared after the host reads
from the HOSTMSG register.
Write cycles occur with R/W low followed by DS
and CS both going low. The A[1:0] address pins
select the specific address of the register to be
written and DATA[7:0] carry the data to be written.
For write cycles, the first of CS and DS going high
latches data. Data must be held sufficiently to
satisfy the hold time as given in the timing section.
The HINBSY is set when the host writes the
HOSTMSG register. This bit is cleared when the
byte in the HOSTMSG is internally read by the
DSP.
6.3 SPI Serial Host Interface
For SPI communications, the CS4923/4/5/6/7/8/9
always acts as a slave. Serial SPI communication
with the CS4923/4/5/6/7/8/9 is accomplished with
5 communication lines: CS, SCCLK, SCDIN,
SCDOUT and INTREQ. Table 7 shows the pin
name, pin description and pin number of each
signal on the CS4923/4/5/6/7/8/9. CS is an active
low chip select and must be held low for writes to
and reads from the part. SCCLK is an input to the
CS492X that clocks data in and out of the device on
its rising edge. SCDIN is the data input and should
be valid on the rising edge of SCCLK. SCDOUT is
the data output and will be valid on the rising edge
of SCCLK. INTREQ is an open drain, active-low
interrupt request signal that is driven low by the
CS492X when there is data to be read out.
Pin Name
Pin Description
Pin Number
CS
Chip Select
18
DS
Data Strobe
4
R/W
Read or Write Enable
5
A1
Register Address 1
6
A0
Register Address 0
7
INTREQ
Interrupt Request
20
DATA7
Data Bit 7
8
DATA6
Data Bit 6
9
DATA5
Data Bit 5
10
DATA4
Data Bit 4
11
DATA3
Data Bit 3
14
DATA2
Data Bit 2
15
DATA1
Data Bit 1
16
DATA0
Data Bit 0
17
Table 6. Motorola Parallel Host Mode Pin Assignments
Pin Name
Pin Description
Pin Number
CS
Chip Select
18
SCDIN
Serial Data Input
6
SCCLK
Serial Control Clock
7
SCDOUT
Serial Data Output
19
INTREQ
Interrupt Request
20
Table 7. SPI Serial Mode Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com