Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MB10
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MB10 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MB10 Datasheet HTML 1Page - Bruckewell Technology LTD MB10 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( MB005S - MB10S )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
PER BRIDGE ELEMENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
Page 2 of 2
0.8
0.6
0.4
0.2
1.0
10
1.0
40
0
50
0
30
20
10
1
80
0.1
0.01
10
0.1
100
140
0
20
40
60
120
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
TJ = 25
°C
TJ = 125
°C
0.01
100
Pulse Width = 300
µs
2% Duty Cycle
TJ = 25
°C
SINGLE SINE-WAVE
(JEDEC METHOD)
TJ = 150
°C
60Hz RESISTIVE OR
INDUCTIVE LOAD
FORWARD VOLTAGE, VOLTS
0.2
0
0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
2.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com