Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5317 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5317
Description  16-Bit, 20 kHz Oversampling A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5317 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5317 Datasheet HTML 11Page - Cirrus Logic CS5317 Datasheet HTML 12Page - Cirrus Logic CS5317 Datasheet HTML 13Page - Cirrus Logic CS5317 Datasheet HTML 14Page - Cirrus Logic CS5317 Datasheet HTML 15Page - Cirrus Logic CS5317 Datasheet HTML 16Page - Cirrus Logic CS5317 Datasheet HTML 17Page - Cirrus Logic CS5317 Datasheet HTML 18Page - Cirrus Logic CS5317 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
CS5317 PERFORMANCE
The CS5317 features 100% tested dynamic per-
formance. The following section is included to
illustrate the test method used for the CS5317.
FFT Tests and Windowing
The CS5317 is tested using Fast Fourier Trans-
form (FFT) techniques to analyze the converter’s
dynamic performance. A pure sine wave is ap-
plied to the CS5317 and a "time record" of 1024
samples is captured and processed. The FFT algo-
rithm analyzes the spectral content of the digital
waveform and distributes its energy among 512
"frequency bins". Assuming an ideal sinewave,
distribution of energy in bins outside of the fun-
damental and dc can only be due to quantization
effects and errors in the CS5317.
If sampling is not synchronized to the input sine-
wave it is highly unlikely that the time record will
contain an exact integer number of periods of the
input signal. However, the FFT assumes that the
signal is periodic, and will calculate the spectrum
of a signal that appears to have large discontinui-
ties,
thereby
yielding
a
severely
distorted
spectrum. To avoid this problem, the time record
is multiplied by a window function prior to per-
forming the FFT. The window function smoothly
forces the endpoints of the time record to zero,
removing the discontinuities. The effect of the
"window" in the frequency domain is to convo-
lute the spectrum of the window with that of the
actual input.
The quality of the window used for harmonic
analysis is typically judged by its highest side-
lobe level. The Blackman-Harris window used to
test the CS5317 has a maximum side-lobe level
of -92 dB.
Figure 7 shows an FFT plot of a typical CS5317
with a 1 kHz sinewave input generated by an "ul-
tra-pure" sine wave generator and the output
multiplied by a Blackman-Harris window. Arti-
facts of windowing are discarded from the
signal-to-noise calculation using the assumption
that quantization noise is white. All FFT plots in
this data sheet were derived by averaging the FFT
results from ten time records. This filters the
spectral variability that can arise from capturing
finite time records, without disturbing the total
energy outside the fundamental. All harmonics
and the -92 dB side-lobes from the Blackman-
Harris window are therefore clearly visible in the
plots.
CLKIN
(Hz)
Mode
N
CLKOUT
(MHz)
ζω3dB
ωn
R * (k
Ω)C * (nF)
7200
CLKG2
512
1.8432
1.0
2262
911
11.6
187
9600
CLKG2
512
2.4576
1.0
3016
1215
15.5
106
14400
CLKG1
256
1.8432
1.0
4524
1822
11.6
94
19200
CLKG1
256
2.4576
1.0
6032
2430
15.5
52
* The values for R and C are as calculated using the described method. Component tolerances have
not been allowed for. Notice that Ko and Kd can vary over a wide range, so using tight tolerances
for R and C is not justified. Use the nearest conveniently available value.
Table 2 Example PLL Loop Filter R and C values
Figure 7. CS5317 Dynamic Performance
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
9.6 kHz
1 kHz
Sampling Rate: 19.2 kHz
Full Scale:
S/(N+D): 81.39 dB
+ 2.75 V
_
CS5317
DS27F4
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com