Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5361 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5361
Description  111 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5361 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5361 Datasheet HTML 8Page - Cirrus Logic CS5361 Datasheet HTML 9Page - Cirrus Logic CS5361 Datasheet HTML 10Page - Cirrus Logic CS5361 Datasheet HTML 11Page - Cirrus Logic CS5361 Datasheet HTML 12Page - Cirrus Logic CS5361 Datasheet HTML 13Page - Cirrus Logic CS5361 Datasheet HTML 14Page - Cirrus Logic CS5361 Datasheet HTML 15Page - Cirrus Logic CS5361 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
CS5361
12
ANALOG CHARACTERISTICS (CS5361-BS/BZ) ((Test conditions (unless otherwise speci-
fied): Input test signal is a 1 kHz sine wave; measurement bandwidth is 10 Hz to 20 kHz. Typical performance char-
acteristics are derived from measurements taken at TA = 25°C, VL = VD = 3.3V and VA = 5.0V. Min/Max
performance characteristics are guaranteed over the specified operating temperature and voltages.)
Notes: 2.
Measured between AIN+ and AIN-
Parameter
Symbol
Min
Typ
Max
Unit
Single Speed Mode
Fs = 48kHz
Dynamic Range
A-weighted
unweighted
106
103
114
111
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-105
-91
-51
-97
-
-
dB
dB
dB
Double Speed Mode
Fs = 96kHz
Dynamic Range
A-weighted
unweighted
40kHz bandwidth unweighted
106
103
-
114
111
108
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
-1 dB
-20 dB
-60 dB
40kHz bandwidth
-1dB
THD+N
-
-
-
-
-105
-91
-51
-102
-97
-
-
-
dB
dB
dB
dB
Quad Speed Mode
Fs = 192kHz
Dynamic Range
A-weighted
unweighted
40kHz bandwidth unweighted
106
103
-
114
111
108
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
-1 dB
-20 dB
-60 dB
40kHz bandwidth
-1dB
THD+N
-
-
-
-
-105
-91
-51
-102
-97
-
-
-
dB
dB
dB
dB
Dynamic Performance for All Modes
Interchannel Isolation
-
110
-
dB
Interchannel Phase Deviation
-
0.0001
-
Degree
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-
±5%
Gain Drift
-
±100
-
ppm/°C
Offset Error
HPF enabled
HPF disabled
-
-
0
100
-
-
LSB
LSB
Analog Input Characteristics
Full-scale Input Voltage (at VA = 5V)
1.8
2.0
2.2
Vrms
Input Impedance (Differential)
(Note 2)
37
-
-
k
Ω
Common Mode Rejection Ratio
CMRR
-
82
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com