Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5351 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CDB5351
Description  108 dB, 192 kHz, Multi-Bit Audio A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5351 Datasheet(HTML) 5 Page - Cirrus Logic

  CDB5351 Datasheet HTML 1Page - Cirrus Logic CDB5351 Datasheet HTML 2Page - Cirrus Logic CDB5351 Datasheet HTML 3Page - Cirrus Logic CDB5351 Datasheet HTML 4Page - Cirrus Logic CDB5351 Datasheet HTML 5Page - Cirrus Logic CDB5351 Datasheet HTML 6Page - Cirrus Logic CDB5351 Datasheet HTML 7Page - Cirrus Logic CDB5351 Datasheet HTML 8Page - Cirrus Logic CDB5351 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
CS5351
DS565PP2
5
2
TYPICAL CONNECTION DIAGRAM
FILT +
V
D
0.1
µF
A/D C O N V E RTE R
SC L K
C S 5351
M/ S
MC L K
AIN L
AIN R
VQ
47
µF
+
RS T
VA
V
L
+5 V
1
µF
+5 V to 2.5V
5.1
Ω
1
µF
+
+
+
SD O U T
GN D
I
2S/LJ
LR C K
GN D
P o wer Do wn
and M ode
S e tting s
A udio D ata
P roc es s o r
Tim ing Logic
an d C lo ck
0.1
µF
0.1
µF
0.1
µF
0.1
µF
HP F
M0
M1
RE F G ND
MDIV
+5 V to 3.3 V
1
µF
0.1
µF
1
µF
+
Analog
Input
Buffer
(Figure 3)
OV FL
VL
10 k
Ω
3
VQ 2
VQ 1
Figure 1. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com