Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF30 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # IRFF30
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRFF30 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  IRFF30 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRFF30 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
MIN.
1.0
0.24
THERMAL RESISTANCE
PARAMETER
Thermal resistance, case to heat sink
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(c-s)
TYP.
MAX.
ºC/W
40
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
nC
30
MAX.
500
900
-100
100
1.1
1200
200
14
25
90
320
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 250μA,
D
V
= 0V
GS
TEST CONDITIONS
I = 1mA,
D
V
=V
DS
GS
V
=900V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Total gate charge
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
▲
▲
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
QG
tr
tf
QGS
13
Gate to source charge
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
nA
T =125°C
C
TYP.
MIN.
100
78
V
= 450V,
DD
(Note1,2)
V
= 10V
GS
I = 3.6A, R = 12Ω, R = 120Ω
D
G
D
V
= 25V, V
= 0V, f =1MHz
DS
GS
V
= -20V, V
= 0V
GS
DS
V
= 20V, V
= 0V
GS
DS
Forward transconductance
gfs
V
= 100V, l = 2.2A
DS
D
V
=720V, V
=0V
DS
GS
S
STATIC
DYNAMIC
10
V
= 360V,
DD
(Note1,2)
V
= 10V
GS
I = 3.6A,
D
3.70
Static drain to source on-state resistance
RDS(ON)
I = 2.2A, V
= 10V
D
GS
2.0
V
4.0
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
Gate to drain charge (Miller charge)
QGD
5
SOURCE TO DRAIN DIODE RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise specified)
C
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
VSD
Diode forward voltage
I
= 3.6A, V
= 0V
SD
GS
1.8
V
Is (IsD)
Continuous source to drain current
Integral reverse P-N junction
diode in the MOSFET
3.6
D (Drain)
G
(Gate)
S (Source)
A
ISM
Pulsed source current
14
trr
Reverse recovery time
650
ns
I
= 3.6A, V
= 0V,
SD
GS
dI /dt = 100A/µs
F
Qrr
Reverse recovery charge
1.4
μC
Note:
1. Pulse test: Pulse width ≤ 300µs, duty cycle ≤ 2%.
2. Essentially independent of operating temperature.
www.nellsemi.com
Page 2 of 7
2.3
430
2.1
42
nH
Internal drain inductance
LD
LS
Internal source inductance
Between lead, 6mm(0.25”) form
package and center of die contact
IRFF30 Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com