Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EWAP3 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EWAP3
Description  Standard Faders for Audio Mixers Slide Potentiometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EWAP3 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EWAP3 Datasheet HTML 1Page - Panasonic Semiconductor EWAP3 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Slide Potentiometers/EWAP1/P3/Q1/Q3
1
E
2
W
3
4
5
6
7
8
9
10
11
12
Product Code
Lever Trims & Dimensions
Specifications
Taper & Resistance
A
Standard Faders for Audio Mixers
Slide Potentiometers
Type:
EWAP1/EWAP3/EWAQ1/EWAQ3
Japan
Malaysia
■ Features
● Excellent operational feel:
Clear clicking action for heat controllers.
Smooth sliding action for Electronic Musical Instruments.
● Low noise, long operating life, highly-accurate
attenuation.
● Light operating force available.
■ Specifications
■ Explanation of Part Numbers
■ Recommended Applications
● Fade control for popular types of audio mixers,
musical keyboards
● Heat control or mode switching for automobile air
conditioners
● Measurement Instruments
Power Rating
Taper
Taper B
Others
60.0 mm Type
0.12 W
0.06 W
45.0 mm Type
0.10 W
0.05 W
Resistance
10 k , 20 k , 50 k
Single±20 %
+40 %
–20 %
Dual±20 %
—
Taper
A, B, D, Y
(Custom tapers also available)
Maximum Attenuation
Single type: 100 dB min.(Except taper B)
Dual type:
70 dB min.(Except taper B)
Insulation Resistance
100 M
min. at 200 Vdc
Dielectric Withstand Voltage
300 Vac for 1 minute
Operating Force
0.1 N to 1.5 N
Operating Life
30000 cycles min.
Minimum Quantity/Packing Unit
EWAP1
50 pcs. (Tray Pack)
EWAP3
EWAQ1
50 pcs. (Tray Pack)
Lever length
< 20.0 mm
EWAQ3
25 pcs. (Tray Pack)
Lever length
> 21.0 mm
Quantity/Carton
EWAP1
500 pcs.
EWAP3
EWAQ1
500 pcs.
Lever length
< 20.0 mm
EWAQ3
250 pcs.
Lever length
> 21.0 mm
Dec. 2005


Similar Part No. - EWAP3

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EWA-P12C15B14 PANASONIC-EWA-P12C15B14 Datasheet
70Kb / 2P
Standard Faders for Audio Mixers Slide Potentiometers
EWA-Q12C15B14 PANASONIC-EWA-Q12C15B14 Datasheet
70Kb / 2P
Standard Faders for Audio Mixers Slide Potentiometers
More results

Similar Description - EWAP3

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3532FS ROHM-BH3532FS Datasheet
75Kb / 5P
Audio digital potentiometers
logo
GREATECS
SB5 GREATECS-SB5 Datasheet
964Kb / 2P
Standard Slide Switches
logo
Panasonic Semiconductor
EWA-P12C15B14 PANASONIC-EWA-P12C15B14 Datasheet
70Kb / 2P
Standard Faders for Audio Mixers Slide Potentiometers
EWA-Q12C15B14 PANASONIC-EWA-Q12C15B14 Datasheet
70Kb / 2P
Standard Faders for Audio Mixers Slide Potentiometers
logo
Productwell Precision E...
S312HC PRODUCTWELL-S312HC_14 Datasheet
140Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
S511HC PRODUCTWELL-S511HC_14 Datasheet
129Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
S712FD1 PRODUCTWELL-S712FD1_14 Datasheet
135Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
S712HA1 PRODUCTWELL-S712HA1_14 Datasheet
131Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
S61101 PRODUCTWELL-S61101_14 Datasheet
121Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com