Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5604 Datasheet(PDF) 20 Page - Clare, Inc.

Part # CPC5604
Description  Optical Data Access Arrangement I.C.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5604 Datasheet(HTML) 20 Page - Clare, Inc.

Back Button CPC5604 Datasheet HTML 16Page - Clare, Inc. CPC5604 Datasheet HTML 17Page - Clare, Inc. CPC5604 Datasheet HTML 18Page - Clare, Inc. CPC5604 Datasheet HTML 19Page - Clare, Inc. CPC5604 Datasheet HTML 20Page - Clare, Inc. CPC5604 Datasheet HTML 21Page - Clare, Inc. CPC5604 Datasheet HTML 22Page - Clare, Inc. CPC5604 Datasheet HTML 23Page - Clare, Inc. CPC5604 Datasheet HTML 24Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
www.clare.com
20
CPC5604
XXX
Differential and Single Ended Mode
The LiteLinkTM is designed to support either differential
or single ended signals on Tx and/or Rx pins. The deci-
sion of which topology to use is based on the particular
chipset being used to drive the LiteLinkTM. For example,
most Lucent modem chips require both differential
Receive and Transmit Frequency Response
Figures 4A and 4C show the test circuits for receive and
transmit frequency response respectively. Figures
+3
+2.5
+2
+1.5
+1
+0.5
-0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
-4
-4.5
-5
Gain
(dBm)
20
50
100
200
500
1K
2K
4K
Frequency (Hz)
Figure 4A Receive Frequency Response Setup
LITELINK
TM
DAA Circuit
TIP
RING
500
10H
500
10H
48V
+
-
40mA Loop Current
IN1
IN2
AP1
Audio
Precision
Generator
-3dBm/
20Hz-4kHz
RX+
RX-
Audio
Precision
System One
Analyzer
100K
600
V
V
RX
T/R
INSERTION LOSS (dB) = 20 log (V
/ V
)
RX
T/R
OH
470
uF
receive and transmit ability, while most Rockwell
devices require differential transmit and single ended
receive. The LiteLinkTM supports a full 0dBm differential
signal on its Tx inputs.
4B and 4D show the graphs for receive and transmit fre-
quency response respectively.
Figure 4B Receive Frequency Response Rx+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com