Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7583 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC7583
Description  Line Card Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7583 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC7583 Datasheet HTML 1Page - Clare, Inc. CPC7583 Datasheet HTML 2Page - Clare, Inc. CPC7583 Datasheet HTML 3Page - Clare, Inc. CPC7583 Datasheet HTML 4Page - Clare, Inc. CPC7583 Datasheet HTML 5Page - Clare, Inc. CPC7583 Datasheet HTML 6Page - Clare, Inc. CPC7583 Datasheet HTML 7Page - Clare, Inc. CPC7583 Datasheet HTML 8Page - Clare, Inc. CPC7583 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.clare.com
Line Card Access Switch
Description
The CPC7583 is a monolithic solid state switch in a 28 pin
surface mount SOIC package. It provides the necessary
functions to replace three 2-Form-C electromechanical re-
lays on analog line cards found in Central Office, Access
and PBX equipment. The device contains solid state
switches for tip and ring line break, ring injection/ring re-
turn, line test access, test in access and ringing generator
testing. The CPC7583 requires only a +5V supply and of-
fers “break-before-make” or “make-before-break” switch
operation using simple logic level input control. The
CPC7583 has 4 versions. The CPC7583BA and the
CPC7583BC contain the integrated protection SCR while
the CPC7583BC and the CPC7583BD contain an extra
logic state which is detailed in later sections.
Features
• Small 28 pin surface mount SOIC package
• Monolithic IC reliability
• Low matched RDS
ON
• Eliminates the need for zero cross switching
• Flexible switch timing to transition from ringing mode to
idle/talk mode
• Clean, bounce free switching
• Tertiary protection consisting of integrated current
limiting, thermal shutdown and SLIC protection
• 5V operation with power consumption <10mW
• Intelligent battery monitor
• Latched logic level inputs, no drive circuitry
• Pin to pin compatible to the Lucent 7583 family
Block Diagram
Applications
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks
CPC7583
Ordering Information
Part #
Description
CPC7583BA
10 Pole with protection SCR
CPC7583BB
10 Pole without protection SCR
CPC7583BC
10 Pole extra logic state with
protection SCR
CPC7583BD
10 Pole extra logic state without
protection SCR
CPC7583BATR Tape and Reel Version
CPC7583BBTR Tape and Reel Version
CPC7583BCTR Tape and Reel Version
CPC7583BDTR Tape and Reel Version
DS-CPC7583-RE
R1
R2
Ring
TIP
Secondary
Protection
SW6
Test Out
SW1 Break
SW10
Test In
SW3
Ringing
Return
SW7
Ringing Test Return
SW8
Ringing Test
SW4
Ringing
Access
TBAT (6)
RBAT (23)
Ring Generator
V
BAT
Reference (28)
CPC7583BA
Battery
SLIC
SW9
Test In
SW5
Test Out
Break SW2
SCR and
TRIP Circuit
TLINE (7)
RLINE (22)
TTESTout (10)
TRING(8)
TTESTin(5)
RTESTin (24)
RRING(20)
RTESTout(19)


Similar Part No. - CPC7583

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7583 CLARE-CPC7583 Datasheet
624Kb / 21P
Line Card Access Switch
logo
IXYS Corporation
CPC7583 IXYS-CPC7583 Datasheet
256Kb / 19P
Monolithic IC reliability
CPC7583BA IXYS-CPC7583BA Datasheet
1Mb / 19P
Line Card Access Switch
CPC7583BA IXYS-CPC7583BA Datasheet
256Kb / 19P
Monolithic IC reliability
logo
Clare, Inc.
CPC7583BATR CLARE-CPC7583BATR Datasheet
624Kb / 21P
Line Card Access Switch
More results

Similar Description - CPC7583

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com