Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYG2000 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CYG2000
Description  Cybergate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CYG2000 Datasheet(HTML) 2 Page - Clare, Inc.

  CYG2000 Datasheet HTML 1Page - Clare, Inc. CYG2000 Datasheet HTML 2Page - Clare, Inc. CYG2000 Datasheet HTML 3Page - Clare, Inc. CYG2000 Datasheet HTML 4Page - Clare, Inc. CYG2000 Datasheet HTML 5Page - Clare, Inc. CYG2000 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
CYG20XX
Rev. 1
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Conditions
Min
Typ
Max
Unit
DC Electrical Characteristics
On-Hook Impedance
@100VDC across pins
10
-
-
M
Ω
10,11 (R,T), per FCC 68.312
Off-Hook Line Leakage Current
@100VDC across pins
-
-
10
µA
10,11 (R,T), per FCC 68.312
Hookswitch Resistance
-
-
-
15
Ω
Off-Hook Supply Current
@+5V, V
CC
78
9
mA
Hookswitch Power Source, Pin 8
-
4.75
5.0
20
V
DC Loop Current
-
20
-
120
mA
AC Signal Path Electrical Characteristics
Return Loss
300-3500Hz
18
25
-
dB
Insertion Loss
300-3500Hz
Transmit
Test Circuit 1
-
-
7
dB
Receive
Test Circuit 2
-
-
7
dB
Frequency Response
300-3500Hz
-0.25
-
+0.25
dB
Longitudinal Balance
On-Hook
Per FCC 68.310
60
-
-
dB
Off-Hook
Per FCC 68.310
40
-
-
dB
DC Loop Current
-
20
-
120
mA
Total Harmonic Distortion
@600Hz and -10dBm
-
-
0.01
%
Secondary Load Impedance
Line 1 and Line 2
-
294
-
Ω
Primary Source Impedance
Tip and Ring
-
600
-
Ω
Ring Detection Circuit Characteristics
Ringing Voltage Detection Range
-
20
-
150
Vrms
Ringing Frequency Detection Range
-
15
-
70
Hz
Ringer Equivalence Number
-
-
0.8B
-
RING (Pin 9) Output Voltage (Pulsed)
V
CC @+5V
Logic ‘0’, Ring present
-
-
0.8
V
Logic ‘1’, Ring not present
-
-
Vcc
V
Parameter
Min
Typ
Max Units
Isolation Voltage
-
-
1000 V
RMS
Operational Temperature
0
-
70
°C
Storage Temperature
0
-
70
°C
Relative Humidity
(Non-Condensing)
10
-
85
%
Soldering Temperature
-
-
260
°C
Tip/Ring (5, 6) Load
current (continuous)
-
-
120
mA
Hookswitch LED
Drive Current
-
-
50
mA
Hookswitch LED
Reverse Voltage
-
-
5
V
Ring Detect
Phototransistor Voltage V
CC
--
20
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com