Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2 Datasheet(PDF) 1 Page - Clare, Inc.

Part # FR2
Description  Dyad
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

FR2 Datasheet(HTML) 1 Page - Clare, Inc.

  FR2 Datasheet HTML 1Page - Clare, Inc. FR2 Datasheet HTML 2Page - Clare, Inc. FR2 Datasheet HTML 3Page - Clare, Inc. FR2 Datasheet HTML 4Page - Clare, Inc. FR2 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
Clare’s DYAD® dry reed switches are ideally suited for
small switching signal applications. This switch has
sputtered ruthenium contacts and an extraordinary seal
strength, achieved by a patented laser sealing of the glass.
In low level or dry switching environments, both switches
typically provide >1 billion operations. The switches have
hermetically sealed contacts and offer a wide range of
available magnetic sensitivities.
Features
Description
• Small size
• SMT-compatible
• Easily formed leads
• Sputtered ruthenium contacts
• Hermetically sealed contacts
• Fast switching speed — up to 500Hz
• Wide range of available magnetic sensitivities
Applications
Approvals
• Security
• Proximity sensing
• Smoke alarms
• Automotive
• Level sensor
• Lamp current sensor
• Relays
• UL listed
Standard Test Coil
The magnetic force (expressed in NI, AT or Ampere Turns) required to cause the reed switch contacts to
close is called the pull-in or operate value.
Ordering Information
A complete part number is represented by the digits to the right. For example, FR2S1030 is a
DYAD® with a minimum operate value of 10 and a maximum of 30. Refer to the switch operating
specification charts for available ranges. Special ranges are available upon request.
Surface Mount Dyad
Refer to operating characteristics table for complete part number.
Maximum Operate Value (NI)
Minimum Operate Value (NI)
FR2 SXXXX
Dyad®
(1) Consult factory for test procedure.
The reed switch shall be placed in the test coil with the gap centered in the core of the coil winding.
Test leads and their clips must be non-magnetic.
The longitudinal axis of the test coil and the test switch shall be vertical.
FR2
Part #
Coil - 1
Coil definition
NARM1 CTC01
Coil resistance
1200
Ω
Number of turns
5,000
Wire size (nom. diameter)
0.0399mm (AWG 46)
Bobbin diameter (inside coil)
3.96mm
Winding length
10.4mm
DYAD®
Part #
Operate Range (NI)1
FR2S1015
10 to 15
FR2S1020
10 to 20
FR2S1030
10 to 30
FR2S1520
15 to 20
FR2S1525
15 to 25
FR2S2025
20 to 25
DYAD® Surface Mount
Part #
Operate Range (NI)1,2,3
FR2024
10 to 15
FR2259
10 to 20
FR2282
10 to 30
FR2025
15 to 20
FR2249
15 to 25
FR2026
20 to 25
1 Tolerance =
± 1.5NI
2 Full Blade Sensitivity
3 Surface Mount Switches are packaged 3,000 parts per reel
1
FR2
DS-FR2-R2


Similar Part No. - FR2

ManufacturerPart #DatasheetDescription
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
Proximity sensing, Smoke alarms
logo
First Components Intern...
FR20 FCI-FR20 Datasheet
156Kb / 2P
2.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Goodwork Semiconductor ...
FR20 GWSEMI-FR20 Datasheet
67Kb / 2P
2.0 AMP FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
FR20-005 FRONTIER-FR20-005 Datasheet
125Kb / 2P
2.0A FAST RECOVERY PLASTIC RECTIFIER
FR20-005-LFR FRONTIER-FR20-005-LFR Datasheet
125Kb / 2P
2.0A FAST RECOVERY PLASTIC RECTIFIER
More results

Similar Description - FR2

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CM10 CLARE-CM10 Datasheet
319Kb / 4P
Molded Mini-DYAD
CM15 CLARE-CM15 Datasheet
318Kb / 4P
Molded DYAD
MN2 CLARE-MN2 Datasheet
404Kb / 5P
Mini-Dyad
UM2 CLARE-UM2 Datasheet
338Kb / 4P
Ultra-Mini Dyad
CM5 CLARE-CM5 Datasheet
316Kb / 4P
Molded Ultra-Mini DYAD?
logo
Coto Technology
CM15S COTO-CM15S Datasheet
1Mb / 3P
Overmolded DYAD
CM5 COTO-CM5 Datasheet
597Kb / 3P
Molded Ultra-Mini DYAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com