Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTM64360B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DTM64360B
Description  2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DTM64360B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DTM64360B Datasheet HTML 1Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 2Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 3Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 4Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 5Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 6Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 7Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 8Page - List of Unclassifed Manufacturers DTM64360B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DTM64360B
2GB - 240-Pin 1Rx8 Registered ECC DDR3 DIMM
Document 06943, Revision A, 3-Oct-11 Dataram Corporation 
2011
Page 1
Features
Description
240-pin JEDEC-compliant DIMM, 133.35 mm wide by 30 mm
high
Operating Voltage: 1.5V ± 0.075
I/O Type: SSTL_15
On-board I2C temperature sensor with integrated serial
presence-detect (SPD) EEPROM.
Data Transfer Rate: 10.6 Gigabytes/sec
Data Bursts: 8 and burst chop 4 mode
ZQ Calibration for Output Driver and On-Die Termination (ODT)
Programmable ODT / Dynamic ODT during Writes
Programmable CAS Latency: 6, 7, 8, and 9
Bi-Directional Differential Data Strobe signals
SDRAM Addressing (Row/Col/Bank): 15/10/3
DTM64360B is a registered 256Mx72 memory module,
which conforms to JEDEC's DDR3, PC3-10600
standard. The assembly is a Single-Rank. The Rank is
comprised of nine 256Mx8 DDR3-1333 Hynix SDRAMs.
One 2K-bit EEPROM is used for Serial Presence
Detect and a combination register/PLL, with Address
and Command Parity, is also used.
Both output driver strength and input termination
impedance are programmable to maintain signal
integrity on the I/O signals in a Fly-by topology.
A thermal sensor accurately monitors the DIMM module
and can prevent exceeding the maximum operating
temperature of 95C.
Fully RoHS Compliant
Pin Configuration
Pin Description
Front Side
Back Side
Name
Function
1 VREFDQ 31 DQ25
61 A2
91 DQ41 121 VSS
151 VSS
181 A1
211 VSS
CB[7:0]
Data Check Bits
2 VSS
32 VSS
62 VDD
92 VSS
122 DQ4
152 DM3
182 VDD
212 DM5
DQ[63:0]
Data Bits
3 DQ0
33 /DQS3
63 CK1**
93 /DQS5 123 DQ5
153 /TDQS12
183 VDD
213 /TDQS14 DQS[8:0], /DQS[8:0] Differential Data Strobes
4 DQ1
34 DQS3
64 /CK1**
94 DQS5 124 VSS
154 VSS
184 CK0
214 VSS
DM[8:0]
Data Mask
5 VSS
35 VSS
65 VDD
95 VSS
125 DM0
155 DQ30
185 /CK0
215 DQ46
/TDQS[17:9]
Termination strobes
6 /DQS0 36 DQ26
66 VDD
96 DQ42 126 /TDQS9 156 DQ31
186 VDD
216 DQ47
CK[1:0], /CK[1:0]
Differential Clock Inputs
7 DQS0 37 DQ27
67 VREFCA
97 DQ43 127 VSS
157 VSS
187 /EVENT
217 VSS
CKE[1:0]
Clock Enables
8 VSS
38 VSS
68 PAR_IN
98 VSS
128 DQ6
158 CB4
188 A0
218 DQ52
/CAS
Column Address Strobe
9 DQ2
39 CB0
69 VDD
99 DQ48 129 DQ7
159 CB5
189 VDD
219 DQ53
/RAS
Row Address Strobe
10 DQ3
40 CB1
70 A10/AP
100 DQ49 130 VSS
160 VSS
190 BA1
220 VSS
/S[3:0]
Chip Selects
11 VSS
41 VSS
71 BA0
101 VSS
131 DQ12
161 DM8
191 VDD
221 DM6
/WE
Write Enable
12 DQ8
42 /DQS8
72 VDD
102 /DQS6 132 DQ13
162 /TDQS17
192 /RAS
222 /TDQS15 A[15:0]
Address Inputs
13 DQ9
43 DQS8
73 /WE
103 DQS6 133 VSS
163 VSS
193 /S0
223 VSS
BA[2:0]
Bank Addresses
14 VSS
44 VSS
74 /CAS
104 VSS
134 DM1
164 CB6
194 VDD
224 DQ54
ODT[1:0]
On Die Termination Inputs
15 /DQS1 45 CB2
75 VDD
105 DQ50 135 /TDQS10 165 CB7
195 ODT0
225 DQ55
SA[2:0]
SPD Address
16 DQS1 46 CB3
76 /S1**
106 DQ51 136 VSS
166 VSS
196 A13
226 VSS
SCL
SPD Clock Input
17 VSS
47 VSS
77 ODT1
**
107 VSS
137 DQ14
167 NC (TEST) 197 VDD
227 DQ60
SDA
SPD Data Input/Output
18 DQ10 48 VTT
78 VDD
108 DQ56 138 DQ15
168 /RESET
198 /S3, NC** 228 DQ61
/EVENT
Temperature Sensing
19 DQ11 49 VTT
79 /S2, NC**
109 DQ57 139 VSS
169 CKE1
** 199 VSS
229 VSS
/RESET
Reset for register and DRAMs
20 VSS
50 CKE0
80 VSS
110 VSS
140 DQ20
170 VDD
200 DQ36
230 DM7
PAR_IN
Parity bit for Addr/Ctrl
21 DQ16 51 VDD
81 DQ32
111 /DQS7 141 DQ21
171 A15
201 DQ37
231 /TDQS16 /ERR_OUT
Error bit for Parity Error
22 DQ17 52 BA2
82 DQ33
112 DQS7 142 VSS
172 A14
202 VSS
232 VSS
A12/BC
Combination input: Addr12/Burst Chop
23 VSS
53 /ERR_OUT
83 VSS
113 VSS
143 DM2
173 VDD
203 DM4
233 DQ62
A10/AP
Combination input: Addr10/Auto-precharge
24 /DQS2 54 VDD
84 /DQS4
114 DQ58 144 /TDQS11 174 A12/BC
204 /TDQS13 234 DQ63
VSS
Ground
25 DQS2 55 A11
85 DQS4
115 DQ59 145 VSS
175 A9
205 VSS
235 VSS
VDD
Power
26 VSS
56 A7
86 VSS
116 VSS
146 DQ22
176 VDD
206 DQ38
236 VDDSPD
VDDSPD
SPD EEPROM Power
27 DQ18 57 VDD
87 DQ34
117 SA0
147 DQ23
177 A8
207 DQ39
237 SA1
VREFDQ
Reference Voltage for DQ’s
28 DQ19 58 A5
88 DQ35
118 SCL
148 VSS
178 A6
208 VSS
238 SDA
VREFCA
Reference Voltage for CA
29 VSS
59 A4
89 VSS
119 SA2
149 DQ28
179 VDD
209 DQ44
239 VSS
VTT
Termination Voltage
30 DQ24 60 VDD
90 DQ40
120 VTT
150 DQ29
180 A3
210 DQ45
240 VTT
NC
No Connection
** Not used
Identification
DTM64360B 256Mx72
2GB 1Rx8 PC3-10600R-9-11-A0
Performance range
Clock / Module Speed / CL-tRCD -tRP
667 MHz / PC3-10600 / 9-9-9
533 MHz / PC3-8500 / 8-8-8
533 MHz / PC3-8500 / 7-7-7
400 MHz / PC3-6400 / 6-6-6


Similar Part No. - DTM64360B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTM6-N SANYO-DTM6-N Datasheet
103Kb / 3P
6A Bidirectional Thyristor?
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
40W to 65W Medical Class II AC-DC External Power Supplies
DTM65PW050C TDK-DTM65PW050C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DTM65PW050C8 TDK-DTM65PW050C8 Datasheet
196Kb / 2P
AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DTM64360B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS21RC2ACNA ELPIDA-EBS21RC2ACNA Datasheet
149Kb / 15P
2GB Registered SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
2GB Registered DDR3 SDRAM DIMM
EBJ20RE4BAFA ELPIDA-EBJ20RE4BAFA Datasheet
229Kb / 20P
2GB Registered DDR3 SDRAM DIMM
logo
Hynix Semiconductor
HMT325R7CFR8C HYNIX-HMT325R7CFR8C Datasheet
1Mb / 76P
DDR3 SDRAM Registered DIMM Based on 2Gb C-die
HMT325V7CFR8C HYNIX-HMT325V7CFR8C Datasheet
1Mb / 68P
DDR3 SDRAM VLP Registered DIMM Based on 2Gb C-die
logo
List of Unclassifed Man...
SEU02G72D4BH2MT-30R ETC2-SEU02G72D4BH2MT-30R Datasheet
664Kb / 16P
2GB ECC DDR2 ??SDRAM DIMM
HX321C11SR-4 ETC2-HX321C11SR-4 Datasheet
596Kb / 2P
DDR3-2133 CL11 240-Pin DIMM
DRAM-DDR-RDIMM ETC2-DRAM-DDR-RDIMM Datasheet
97Kb / 3P
DDR3 240-Pin Registered-ECC DIMMs
DRAM-DDR3-UDIMM ETC2-DRAM-DDR3-UDIMM Datasheet
97Kb / 2P
DDR3 240-Pin Unbuffered-ECC DIMMs
DRAM-DDR3-SODIMM ETC2-DRAM-DDR3-SODIMM Datasheet
104Kb / 2P
DDR3 - 204-Pin SODIMM - Registered ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com