Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW304 Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # DW304
Description  MULTIPLE STATION SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

DW304 Datasheet(HTML) 2 Page - Switchcraft, Inc.

  DW304 Datasheet HTML 1Page - Switchcraft, Inc. DW304 Datasheet HTML 2Page - Switchcraft, Inc. DW304 Datasheet HTML 3Page - Switchcraft, Inc. DW304 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Switchcraft
Series 66000 (non-illuminated) and 67000 (illuminated) can be supplied with up to 18
stations, including a square white pushbutton Part Number DW305 at each station.
Contacts and ratings are the same as for Series 65000. Lamp sockets (67000) at each
station accept 6V to 28V T 1-3/4 flange base lamps (not supplied). Mounts with 2 #6-32
machine screws (not supplied). See page 322 for pushbutton data. Accessories include
solenoid release, ganged assemblies, T1 lamp adapter, and metal barriers (between
stations). PC and wire-wrapping terminals are also available. Contact Switchcraft.
NON-ILLUMINATED DW MULTI-SWITCH SWITCHES
Switchcraft offers DW Multi-Switch switches, Series 70000 and 71000 with crossbar
plungers which accept a wide variety of Switchcraft and industry pushbuttons. Contact
Switchcraft for specifying assistance.
SERIES DW40 COLOR INSERTS
Many unusual lighting effects can be created using DW40 color inserts. Molded from
dimensionally stable, high-temperature plastic in six standard colors, inserts slip into
standard Series DW300 pushbuttons providing unusual latitude in custom designing color
and legend effects. With no wear from finger-tips, legend life is virtually unlimited.
Part No.
Color
Part No.
Color
Part No.
Color
DW41~
Red
DW44~
Blue
DW47~
Orange
DW43~
Green
DW45~
White
DW48~
Yellow
~ Special order only; Contact Switchcraft for price and delivery information.
SERIES DW300 PUSHBUTTONS (DW305 supplied standard)
Part No.
Color*
Part No.
Color*
Part No.
Color*
DW301
Red
DW304
Blue
DW312
Clear
DW302
Black
DW305
White
DW313
Amber
DW303
Green
DW308
Yellow
DW316
"Black-
Screen"
Part Numbers / 2-C PER STATION*
http://www.switchcraft.com/products/switch-318.html (2 of 4)9/26/2005 5:01:58 PM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com