Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206SFS400F32 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 1206SFS400F32
Description  Surface-mount Fuses Fundamentals
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1206SFS400F32 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 1206SFS400F32 Datasheet HTML 20Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 21Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 22Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 23Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 24Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 25Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 26Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 27Page - Tyco Electronics 1206SFS400F32 Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
99
RoHS Compliant, ELV Compliant
HF Halogen Free
11
P
0
P
0
P
2
P
1
P
1
E
1
E
1
F
F
W
W
t
D
0
D
0
D
1
D
1
A
0
A
0
B
0
K
0
K
0
B
0
P
2
Paper Carrier Tape Specifications
Plastic Carrier Tape Specifications
Table F5 Tape and Reel Specifications for All Fuses
Figure F3 Component Tape Dimensions for All Fuses
Dimension in inches (mm)
Mark
0402 (1005)
0603 (1608)
1206 (3216)
0603SFV (1608)
2410 (6125)
E1
0.069 ± 0.004
0.069 ± 0.004
0.069 ± 0.004
0.069 ± 0.004
0.069 ± 0.004
(1.75 ± 0.10)
(1.75 ± 0.10)
(1.75 ± 0.10)
(1.75 ± 0.10)
(1.75 ± 0.10)
F
0.138 ± 0.002
0.138 ± 0.002
0.138 ± 0.002
0.138 ± 0.002
0.217 ± 0.004
(3.50 ± 0.05)
(3.50 ± 0.05)
(3.50 ± 0.05)
(3.50 ± 0.05)
(5.50 ± 0.10)
W
0.315 ± 0.004
0.315 ± 0.004
0.315 ± 0.004
0.315 ± 0.004
0.472 ± 0.004
(8.00 ± 0.10)
(8.00 ± 0.10)
(8.00 ± 0.10)
(8.00 ± 0.10)
(12.00 ± 0.10)
P1
0.079 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
(2.00 ± 0.10)
(4.00 ± 0.10)
(4.00 ± 0.10)
(4.00 ± 0.10)
(4.00 ± 0.10)
P0
0.157 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
0.157 ± 0.004
(4.00 ± 0.10)
(4.00 ± 0.10)
(4.00 ± 0.10)
(4.00 ± 0.10)
(4.00 ± 0.10)
P2
0.079 ± 0.002
0.079 ± 0.002
0.079 ± 0.002
0.079 ± 0.002
0.079 ± 0.004
(2.00 ± 0.05)
(2.00 ± 0.05)
(2.00 ± 0.05)
(2.00 ± 0.05)
(2.00 ± 0.10)
D0
0.059 ± 0.004
0.059 ± 0.004
0.059 ± 0.004
0.059 ± 0.004
0.059 ± 0.004
(1.50+0.10/-0.00)
(1.50+0.10/-0.00)
(1.50+0.10/-0.00)
(1.50+0.10/-0.00)
(1.50+0.10/-0.00)
D1
—
—
0.039 max
—
0.61 ± 0.004
(1.00 max)
(1.55 ± 0.10)
t
—
—
0.009 ± 0.001
—
0.010 ± 0.002
(0.23 ± 0.02)
(0.25 ± 0.05)
A0
0.026 ± 0.004
0.039 ± 0.004
0.071 ± 0.004
0.039 ± 0.004
0.112 ± 0.004
(0.67 ± 0.10)
(0.98 ± 0.10)
(1.80 ± 0.10)
(0.98 ± 0.10)
(2.85 ± 0.10)
B0
0.046 ± 0.004
0.071 ± 0.004
0.138 ± 0.004
0.071 ± 0.004
0.252 ± 0.004
(1.17 ± 0.10)
(1.80 ± 0.10)
(3.50 ± 0.10)
(1.80 ± 0.10)
(6.40 ± 0.10)
K0
0.025 ± 0.004
0.037 ± 0.003
0.050 ± 0.004
0.024 ± 0.003
0.093 ± 0.004
(0.63 ± 0.10)
(0.95 ± 0.08)
(1.27 ± 0.10)
(0.60 ± 0.08)
(2.35 ± 0.10)
P
P
P
P
0
0
0
0
P
2
P
Paper C
C
r
arrier Tape Specifications
TapeD
e
eD
e
e
im
m
m
men
en
e
e siiio
on
o sf
s
s
s or A
A
Al
A
A
A l Fuses
(1.75 ± 0.10)
(1.75 ± 0.10)
(1.75 ± 0.10)
0.138 ± 0.002
0.138 ± 0.002
0.138 ± 0.002
2
(3.50 ± 0.05)
(3.50 ± 0.05)
(3.50 ± 0.0
.0
0
0. 5)
0.315 ± 0.004
0.315 ± 0.004
0.315 ±
5±
±
5
5
0.0
004
(8.00 ± 0.10)
(8.00 ± 0.10)
(8
8
8
(8.
( 00 ± 0.10)
0.157 ± 0.004
0.157 ± 0.004
0
0
0.157 ± 0.0
004
(4.00 ± 0.10)
(4.00 ± 0.10)
((4.00 ±
±
±
± 0
0
0.1
0
0 0)
0.157 ± 0.004
0.157 ± 0.004
0
0
0.157 ±
±
57 ±
5
5
5
0.0
004
(4.00 ± 0.10)
(4.00 ± 0.1
1
10
0
0)
0
(4.00 ±
0
00 ±
± 0.10)
0.079 ± 0.002
0.079 ± 0.0
002
2
0.079 ±
7
79 ±
± 0.0
002
(2.00 ± 0.05)
(2
2.
2
2 00
00 ±
±
±
±
± 0.0
05)
(2.00 ±
0
00 ±
± 0.0
05)
0.059 ± 0.004
0
0
0.0
0
0
0 59 ± 0.0
0
0
0 04
4
4
0.059 ±
5
59 ±
± 0.0
004
(1.50+0.10/-0.00)(1.50+0.10
0
0/
0
0
0
0
0 --0.00
0)
(1
1.50+
+
+0.1
10/-0
0
0.00)
—
0.0
0
0
0
.0
. 39 m
39 m
39 m
3 m
3 m
ma
ax
—
—
—
(1
1
1.
1
1
1
1 00 m
0m
0m
0
0
ax)
—
—
—
0.0
0
009 ± 0.0
0.001
—
—
—
(0
0
0.
0
0 23 ± 0.0
0.02)
0.0
0
0
0
0
039
39 ±
3
0.0
0
004
0.0
0
071 ± 0.0
0.0
0
0 04
4
4
0
0.039 ±
39
39 ±
±
9
0.004
(0.98 ±
98
9
9
9
9
9
0.10
0)
0
0
(1.80 ± 0.1
0
0.
0
0 0)
(0.98 ± 0.10)
0.071 ±
71
71
0.00
04
0
0
0
0.1
1
1
1
1
138 ±
8
8
8
0.0
0.0
0
0 04
0.071 ± 0.004
(1.
((( 80 ±
0
0
0
0.1
10)
(3
3
3
3..50
0
0±
0
0
0
0
0.1
0. 0)
(1.80 ± 0.10)
0.0
. 37 ±
7
7
7
7
0.003
0.050 ±
± 0.0
004
0.024± 0.003
(0
0.
0
0 95 ±
5
5
0.08)
(1.27 ±
±
±
±
± 0.1
1
10
0
0)
0
(0.60 ± 0.08)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com